công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5327 bảng dữ liệu(PDF) 43 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5327
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5327 bảng dữ liệu(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button MCF5327 Datasheet HTML 39Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 40Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 41Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 42Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 43Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 44Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 45Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 46Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 48 page
background image
Current Consumption
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
43
Figure 34. Current Consumption in Low-Power Modes
Table 31. Current Consumption in Low-Power Modes1,2
1 All values are measured with a 3.30V EV
DD, 3.30V SDVDD and 1.5V IVDD power supplies. Tests performed at room
temperature with pins configured for high drive strength.
2 Refer to the Power Management chapter in the MCF532x Reference Manual for more information on low-power
modes.
Mode
Voltage
58 MHz
(Typ)3
3 All peripheral clocks except UART0, FlexBus, INTC0, reset controller, PLL, and edge port off before entering low
power mode. All code executed from flash.
64 MHz
(Typ)3
72 MHz
(Typ)3
80 MHz
(Typ)3
80 MHz
(Peak)4
4 All peripheral clocks on before entering low power mode. All code is executed from flash.
Units
Stop Mode 3 (Stop 11)5
5 See the description of the low-power control register (LCPR) in the MCF532x Reference Manual for more
information on stop modes 0–3.
3.3 V
3.9
3.92
4.0
4.0
4.0
mA
1.5 V
1.04
1.04
1.04
1.04
1.08
Stop Mode 2 (Stop 10)4
3.3 V
4.69
4.72
4.8
4.8
4.8
1.5 V
2.69
2.69
2.70
2.70
2.75
Stop Mode 1(Stop 01)4
3.3 V
4.72
4.73
4.81
4.81
4.81
1.5 V
15.28
16.44
17.85
19.91
20.42
Stop Mode 0 (Stop 00)4
3.3 V
21.65
21.68
24.33
26.13
26.16
1.5 V
15.47
16.63
18.06
20.12
20.67
Wait/Doze
3.3 V
22.49
22.52
25.21
27.03
39.8
1.5 V
26.79
28.85
30.81
34.47
97.4
Run
3.3 V
33.61
33.61
42.3
50.5
62.6
1.5 V
56.3
60.7
65.4
73.4
132.3
0
50
100
150
200
250
300
350
400
450
58
64
72
80
80(peak)
fsys/3 (MHz)
Stop 0 - Flash
Stop 1 - Flash
Stop 2 - Flash
Stop 3 - Flash
Wait/Doze - Flash
Run - Flash


Số phần tương tự - MCF5327

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5327 FREESCALE-MCF5327 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5327 NXP-MCF5327 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Advanced Analogic Techn...
MCF5327CVM240 ANALOGICTECH-MCF5327CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5327CVM240 FREESCALE-MCF5327CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5327CVM240 NXP-MCF5327CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5327

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com