công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5327 bảng dữ liệu(PDF) 23 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5327
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5327 bảng dữ liệu(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MCF5327 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 24Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 25Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 26Page - Freescale Semiconductor, Inc MCF5327 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
Electrical Characteristics
MCF532x ColdFire® Microprocessor Data Sheet, Rev. 4
Freescale Semiconductor
23
Figure 8. FlexBus Write Timing
5.7
SDRAM Bus
The SDRAM controller supports accesses to main SDRAM memory from any internal master. It supports standard SDRAM or
double data rate (DDR) SDRAM, but it does not support both at the same time.
5.7.1
SDR SDRAM AC Timing Characteristics
The following timing numbers indicate when data is latched or driven onto the external bus, relative to the memory bus clock,
when operating in SDR mode on write cycles and relative to SD_DQS on read cycles. The device’s SDRAM controller is a
DDR controller that has an SDR mode. Because it is designed to support DDR, a DQS pulse must remain supplied to the device
for each data beat of an SDR read. The processor accomplishes this by asserting a signal named SD_SDR_DQS during read
cycles. Care must be taken during board design to adhere to the following guidelines and specs with regard to the
SD_SDR_DQS signal and its usage.
Table 10. SDR Timing Specifications
Symbol
Characteristic
Symbol
Min
Max
Unit
Frequency of Operation1
TBD
80
MHz
SD1
Clock Period2
tSDCK
12.5
TBD
ns
SD3
Pulse Width High3
tSDCKH
0.45
0.55
SD_CLK
SD4
Pulse Width Low4
tSDCKH
0.45
0.55
SD_CLK
SD5
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Valid
tSDCHACV
0.5
× SD_CLK
+1.0
ns
SD6
Address, SD_CKE, SD_CAS, SD_RAS, SD_WE, SD_BA,
SD_CS[1:0] - Output Hold
tSDCHACI
2.0
ns
SD7
SD_SDR_DQS Output Valid5
tDQSOV
Self timed
ns
SD8
SD_DQS[3:0] input setup relative to SD_CLK6
tDQVSDCH
0.25
×
SD_CLK
0.40
× SD_CLK
ns
FB_CLK
FB_R/W
FB_TS
FB_OE
S0
S2
S3
DATA
S1
ADDR[31:X]
FB_A[23:0]
FB_D[31:X]
ADDR[23:0]
FB_CSn, FB_BE/BWEn
FB_TA
FB3
FB1
FB2
FB7
FB6


Số phần tương tự - MCF5327

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5327 FREESCALE-MCF5327 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5327 NXP-MCF5327 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
logo
Advanced Analogic Techn...
MCF5327CVM240 ANALOGICTECH-MCF5327CVM240 Datasheet
979Kb / 48P
   MCF5329 ColdFire Microprocessor Data Sheet
logo
Freescale Semiconductor...
MCF5327CVM240 FREESCALE-MCF5327CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
logo
NXP Semiconductors
MCF5327CVM240 NXP-MCF5327CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire짰 Microprocessor Data Sheet
Rev. 5, 11/2008
More results

Mô tả tương tự - MCF5327

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208_07 Datasheet
523Kb / 46P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com