công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5274LVM166 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5274LVM166
Giải thích chi tiết về linh kiện  Integrated Microprocessor Family Hardware Specification
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5274LVM166 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCF5274LVM166 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5274LVM166 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
MCF5275 Integrated Microprocessor Family Hardware Specification, Rev. 2
Preliminary—Subject to Change Without Notice
Features
Freescale Semiconductor
4
3Features
For a detailed feature list see the MCF5275 Reference Manual (MCF5275RM).
4
Signal Descriptions
This section describes signals that connect off chip, including a table of signal properties. For a more
detailed discussion of the MCF5275 signals, consult the MCF5275 Reference Manual (MCF5275RM).
Table 2 lists the signals for the MCF5275 in functional group order. The “Dir” column is the direction for
the primary function of the pin. Refer to Section 6, “Mechanicals/Pinouts,” for package diagrams.
NOTE
In this table and throughout this document a single signal within a group is
designated without square brackets (i.e., A24), while designations for
multiple signals within a group use brackets (i.e., A[23:21]) and is meant to
include all signals within the two bracketed numbers when these numbers
are separated by a colon.
NOTE
The primary functionality of a pin is not necessarily its default functionality.
Pins that are muxed with GPIO will default to their GPIO functionality.
Table 2. MCF5274 and MCF5275 Signal Information and Muxing
Signal Name
GPIO
Alternate1
Alternate2 Dir.1
MCF5274
MCF5275
256 MAPBGA
MCF5274L
MCF5275L
196 MAPBGA
Reset
RESET
——
IN15
K12
RSTOUT
——
ON14
L12
Clock
EXTAL
——
I
L16
M14
XTAL
——
OM16
N14
CLKOUT
——
OT12
P9
Mode Selection
CLKMOD[1:0]
——
I
N13, P13
M11, N11
RCON
——
IP8
M6
External Memory Interface and Ports
A[23:21]
PADDR[7:5]
CS[6:4]
O
A11, B11, C11
A8, B8, C8


Số phần tương tự - MCF5274LVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCF5274LVM166 MOTOROLA-MCF5274LVM166 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274LVM166 FREESCALE-MCF5274LVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
More results

Mô tả tương tự - MCF5274LVM166

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MCF5275 MOTOROLA-MCF5275 Datasheet
910Kb / 76P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
Freescale Semiconductor...
MCF5274CVM166 FREESCALE-MCF5274CVM166 Datasheet
601Kb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
logo
NXP Semiconductors
MCF5275EC NXP-MCF5275EC Datasheet
1Mb / 44P
   MCF5275 Integrated Microprocessor Family Hardware Specification
Rev. 4, 02/2009
logo
Freescale Semiconductor...
MCF5271 FREESCALE-MCF5271 Datasheet
1Mb / 40P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_09 Datasheet
2Mb / 48P
   Integrated Microprocessor Hardware Specification
MCF5271 FREESCALE-MCF5271_09 Datasheet
1Mb / 42P
   Integrated Microprocessor Hardware Specification
MCF523X FREESCALE-MCF523X_06 Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5235EC FREESCALE-MCF5235EC Datasheet
1Mb / 46P
   Integrated Microprocessor Hardware Specification
MCF5213 FREESCALE-MCF5213 Datasheet
869Kb / 56P
   Microcontroller Family Hardware Specification
logo
NXP Semiconductors
MPC602EC NXP-MPC602EC Datasheet
440Kb / 26P
   PowerPC 602TM RISC Microprocessor Hardware Specification
5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com