công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145017ED bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MC145017ED bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 10 page Sensors 2 Freescale Semiconductor MC145017 Figure 2. Block Diagram This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that VIN and VOUT be constrained to the range VSS ≤ (VIN or VOUT) ≤VDD. Table 1. Maximum Ratings(1) (Voltages referenced to VSS) 1. Maximum Ratings are those values beyond which damage to the device may occur. Rating Symbol Value Unit DC Supply Voltage VDD -0.5 to + 15 V Input Voltage, All Inputs Except Pin 8 VIN -0.25 to VDD +0.25 V DC Current Drain per Input Pin, Except Pin 15 = 1 mA I 10 mA DC Current Drain per Output Pin I 30 mA Operating Temperature Range TA -10 to +60 °C Storage Temperature Range TSTG -55 to +125 °C Reverse Battery Time TRB 5.0 s Table 2. Recommended Operating Conditions (Voltages referenced to VSS) Parameter Symbol Value Unit Supply Voltage VDD 9.0 V Timing Capacitor — 0.1 µF Timing Resistor — 8.2 M Ω Battery Load (Resistor or LED) — 10 mA 3 + - VDD Latch Low Battery Comp. Oscillator Latch + - VDD 80 K 1045 K 7 12 1 13 1125 K + - 15 Detect Input 14 Lo-Z Active Guard 16 HI-Z VDD 4 VDD 8 Piezoelectric Horn Driver 11 10 5 LED Driver VDD 6 9 |
Số phần tương tự - MC145017ED |
|
Mô tả tương tự - MC145017ED |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |