công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCF5208 bảng dữ liệu(PDF) 20 Page - Freescale Semiconductor, Inc

tên linh kiện MCF5208
Giải thích chi tiết về linh kiện  Microprocessor Data Sheet
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5208 bảng dữ liệu(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MCF5208_07 Datasheet HTML 16Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 17Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 18Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 19Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 20Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 21Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 22Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 23Page - Freescale Semiconductor, Inc MCF5208_07 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
MCF5208 ColdFire® Microprocessor Data Sheet, Rev. 1
Electrical Characteristics
Freescale Semiconductor
20
The average chip-junction temperature (TJ) in °C can be obtained from:
Eqn. 1
Where:
TA
= Ambient Temperature,
°C
QJMA
= Package Thermal Resistance, Junction-to-Ambient, ×C/W
PD
=PINT + PI/O
PINT
=IDD × IVDD, Watts - Chip Internal Power
PI/O
= Power Dissipation on Input and Output Pins — User Determined
For most applications PI/O < PINT and can be ignored. An approximate relationship between PD and TJ (if
PI/O is neglected) is:
Eqn. 2
Solving equations 1 and 2 for K gives:
Eqn. 3
where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring
PD (at equilibrium) for a known TA. Using this value of K, the values of PD and TJ can be obtained by
solving Equation 1 and Equation 2 iteratively for any value of TA.
5.3
ESD Protection
5.4
DC Electrical Specifications
Table 6. ESD Protection Characteristics1, 2
NOTES:
1 All ESD testing is in conformity with CDF-AEC-Q100 Stress Test Qualification for
Automotive Grade Integrated Circuits.
2 A device is defined as a failure if, after exposure to ESD pulses, the device no longer
meets the device specification requirements. Complete DC parametric and functional
testing is performed per applicable device specification at room temperature followed by
hot temperature, unless specified otherwise in the device specification.
Characteristics
Symbol
Value
Unit
ESD Target for Human Body Model
HBM
2000
V
Table 7. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Unit
Core Supply Voltage
IVDD
1.4
1.6
V
PLL Supply Voltage
PLLVDD
1.4
1.6
V
CMOS Pad Supply Voltage
EVDD
3.0
3.6
V
T
J
T
A
P
D
Θ
JMA
×
()
+
=
P
D
K
T
J
273
°C
+
()
---------------------------------
=
KP
D
T
A
273
°C
×
() Q
JMA
P
D
2
×
+
×
=


Số phần tương tự - MCF5208_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5208CAB166 FREESCALE-MCF5208CAB166 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5208CAB166 FREESCALE-MCF5208CAB166 Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF5208CAB166 FREESCALE-MCF5208CAB166 Datasheet
2Mb / 46P
   MCF5208 ColdFire짰 Microprocessor Data Sheet
MCF5208CVM166 FREESCALE-MCF5208CVM166 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5208CVM166 FREESCALE-MCF5208CVM166 Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
More results

Mô tả tương tự - MCF5208_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329 Datasheet
979Kb / 48P
   Microprocessor Data Sheet
MCF5208 FREESCALE-MCF5208 Datasheet
982Kb / 46P
   Microprocessor Data Sheet
MCF5373 FREESCALE-MCF5373 Datasheet
847Kb / 42P
   Microprocessor Data Sheet
MCF5253 FREESCALE-MCF5253 Datasheet
238Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
MCF5251 FREESCALE-MCF5251_07 Datasheet
659Kb / 32P
   ColdFire짰 Microprocessor Data Sheet
SCF5250LAG100 FREESCALE-SCF5250LAG100 Datasheet
653Kb / 56P
   Integrated ColdFire Microprocessor Data Sheet
MCF54455 FREESCALE-MCF54455_09 Datasheet
1Mb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
MCF54418CMJ250 FREESCALE-MCF54418CMJ250 Datasheet
639Kb / 61P
   MCF5441x ColdFire Microprocessor Data Sheet
MCF53281CVM240 FREESCALE-MCF53281CVM240 Datasheet
1Mb / 50P
   MCF532x ColdFire Microprocessor Data Sheet
MCF54455_0812 FREESCALE-MCF54455_0812 Datasheet
937Kb / 48P
   MCF5445x ColdFire짰 Microprocessor Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com