công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145017P bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC145017P
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145017P bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145017P Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145017P Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MC145017
Rev. 6.0, 3/2007
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as may be required, to
permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Low-Power CMOS
Ionization Smoke Detector IC
with Temporal Pattern Horn Driver
The MC145017, when used with an ionization chamber and a small number
of external components, will detect smoke. When smoke is sensed, an alarm is
sounded via an external piezoelectric transducer and internal drivers. This circuit
is designed to operate in smoke detector systems that comply with UL217 and
UL268 specifications.
Features
Ionization Type with On-Chip FET Input Comparator
Piezoelectric Horn Driver
Guard Outputs on Both Sides of Detect Input
Input-Production Diodes on the Detect Input
Low-Battery Trip Point, Internally Set, can be Altered Via External Resistor
Detect Threshold, Internally Set, can be Altered Via External Resistor
Pulse Testing for Low Battery Uses LED for Battery Loading
Comparator Outputs for Detect and Low Battery
Internal Reverse Battery Protection
Supports NFPA 72, ANSi 53.41, and ISO 8201 Audible Emergency
Evacuation Signals
Pb-Free Packaging Designated by Suffix Code ED and EG
ORDERING INFORMATION
Device
Case No.
Package
MC145017P
648-08
Plastic Dip
MC145017ED
MCZ145017EG/R2
751G-04
SOICW
MC145017
P SUFFIX
ED SUFFIX
(PB-FREE)
PLASTIC DIP
CASE 648-08
LOW-POWER CMOS IONIZATION
SMOKE DETECTOR IC WITH
TEMPORAL PATTERN
HORN DRIVER
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
DETECT COMP.
OUT
N/C
LOW V SET
LOW V COMP.
OUT
LED
VDD
TIMING
RESISTOR
FEEDBACK
GUARD Hi-Z
DETECT INPUT
GUARD LO-Z
SENSITIVITY SET
OSC CAPACITOR
SILVER
BRASS
VSS
EG SUFFIX
(PB-FREE)
16-LEAD
SOICW
CASE 751G-04
Figure 1. . Pin Connections
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
DETECT
COMP. OUT
N/C
LOW V SET
LOW V
COMP. OUT
LED
VDD
TIMING
RESISTOR
FEEDBACK
GUARD HI-Z
DETECT
INPUT
GUARD LO-Z
SENSITIVITY
SET
OSC
CAPACITOR
SILVER
BRASS
VSS


Số phần tương tự - MC145017P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145017P FREESCALE-MC145017P Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145017P

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com