công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145017 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC145017
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145017 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC145017_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145017_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Sensors
Freescale Semiconductor
3
MC145017
Table 3. Electrical Characteristics(1)
(Voltages referenced to VSS, TA = 25°C)
1. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Characteristic
Symbol
VDD
VDC
Min
Typ
Max
Unit
Operating Voltage
VDD
6.0
12
V
Output Voltage
Piezoelectric Horn Drivers (IOH = -16 mA)
Comparators (IOH = -30 µA)
Piezoelectric Horn Drivers (IOL = +16 mA)
Comparators (IOL = +30 µA)
VOH
VOL
7.2
9.0
7.2
9.0
6.3
8.5
8.8
0.1
0.9
0.5
V
V
Output Voltage — LED Driver, IOL = 10 mA
VOL
7.2
3.0
V
Output Impedance, Active Guard
Pin 14
Pin 16
LO-Z
HI-Z
9.0
9.0
10
1000
k
Operating Current (Rbias = 8.2 MΩ)
IDD
9.0
12.0
3.2
7.0
10.0
µA
Input Current — Detect (40% R.H.)
IIN
9.0
±1.0
pA
Input Current, Pin 8
IIN
9.0
±0.1
µA
Input Current @ 50
°C, Pin 15
IIN
±6.0
pA
Internal Set Voltage
Low Battery
Sensitivity
VLOW
VSET
9.0
7.2
47
50
7.8
53
V
%VDD
Hysteresis
VHYS
9.0
75
100
150
mV
Offset Voltage (measured at VIN = VDD/2
Active Guard
Detect Comparator
VOS
9.0
9.0
±100
±50
mV
Input Voltage Range, Pin 8
VIN
VSS -10
VDD + 10
V
Input Capacitance
CIN
5.0
pF
Common Mode Voltage Range, Pin 15
VCM
0.6
VDD - 2
V
Table 4. Timing Parameters
(C = 0.1
µF, R
bias = 8.2 MΩ, VDD = 9.0 V, TA = 25°C, See Figure 7)
Characteristics
Symbol
Min
Max
Units
Oscillator Period
No Smoke
Smoke
tCI
1.46
37.5
1.85
45.8
s
ms
Oscillator Rise Time
tR
10.1
12.3
ms
Horn Output
On Time
(During Smoke)
Off Time
PWON
PWOFF
450
450
550
550
ms
ms
LED Output
Between Pulses
On Time
tLED
PWON
35.0
10.1
44.5
12.3
s
ms
Horn Output
On Time
(During Low Battery)
Between Pulses
tON
tOFF
10.1
35.0
12.3
44.5
ms
s


Số phần tương tự - MC145017_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145017P FREESCALE-MC145017P Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145017_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Motorola, Inc
MC145018 MOTOROLA-MC145018 Datasheet
263Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT AND TEMPORAL HORN DRIVER
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com