công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145011ED bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC145011ED
Giải thích chi tiết về linh kiện  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145011ED bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC145011ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MC145011
Rev. 5.0, 11/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as may be required, to
permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Photoelectric Smoke Detector IC
with I/O For Line-Powered
Applications
The CMOS MC145011 is an advanced smoke detector component containing
sophisticated very-low-power analog and digital circuitry. The IC is used with an in-
frared photoelectric chamber. Detection is accomplished by sensing scattered light
from minute smoke particles or other aerosols. When detection occurs, a pulsating
alarm is sounded via on-chip push-pull drivers and an external piezoelectric trans-
ducer.
The variable-gain photo amplifier allows direct interface to IR detectors (photo-
diodes). Two external capacitors C1 and C2, C1 being the larger, determine the
gain settings. Low gain is selected by the IC during most of the standby state. Me-
dium gain is selected during a local-smoke condition. High gain is used during push
button test. During standby, the special monitor circuit which periodically checks for
degraded chamber sensitivity uses high gain, also.
The I/O pin, in combination with VSS, can be used to interconnect up to 40 units
for common signaling. An on-chip current sink provides noise immunity when the I/
O is an input. A local-smoke condition activates the short-circuit-protected I/O driv-
er, thereby signaling remote smoke to the interconnected units. Additionally, the I/
O pin can be used to activate escape lights, enable auxiliary or remote alarms, and/
or initiate auto-dialers.
While in standby, the low-supply detection circuitry conducts periodic checks us-
ing a load current from the LED pin. The trip point is set using two external resistors.
The supply for the MC145011 must be a dc power source capable of supplying 35
mA continuously and 45 mA peak. When the MC145011 is in standby, an external
LED is continuously illuminated to indicate that the device is receiving power.
An extinguished LED accompanied by a pulsating audible alarm indicates a lo-
cal-smoke condition. A pulsating audible alarm with the LED illuminated indicates
a remote-smoke condition. A beep or chirp indicates a low-supply condition or de-
graded chamber sensitivity. A low-supply condition does not affect the smoke de-
tection capability if VDD ≥ 6 V. Therefore, the low-supply condition and degraded
chamber sensitivity can be distinguished by performing a push button (chamber)
test. This circuit is designed to operate in smoke detector systems that comply with
UL217 and UL268 specifications.
Features
Operating Voltage Range: 6 to 12 V
Operating Temperature Range: -10 to 60
°C
Average Standby Supply Current (Visible LED Illuminated): 20 mA
Power-On Reset Places IC in Standby Mode (Non-Alarm State)
Electrostatic Discharge (ESD) and Latch Up Protection Circuitry on All Pins
Chip Complexity: 2000 FETs, 12 NPNs, 16 Resistors, and 10 Capacitors
Pb-Free Packaging Designated by Suffix Code ED
ORDERING INFORMATION
Device
Package
MC145011P
Plastic Dip
MC145011ED
MCZ145011DW
SOIC Package
MC145011
P SUFFIX
ED SUFFIX (PB-FREE)
PLASTIC DIP
CASE 648-08
DW SUFFIX
PLASTIC SOIC
CASE 751G-04
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
C1
C2
DETECT
STROBE
VDD
IRED
I/O
BRASS
TEST
LOW-SUPPLY
TRIP
VSS
R1
OSC
LED
FEEDBACK
SILVER
Figure 1. Pin Connections
PHOTOELECTRIC SMOKE
DETECTOR IC WITH I/O FOR
LINE-POWERED APPLICATIONS


Số phần tương tự - MC145011ED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145011ED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com