công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC145011ED bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC145011ED
Giải thích chi tiết về linh kiện  Photoelectric Smoke Detector IC with I/O For Line-Powered Applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145011ED bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC145011ED Datasheet HTML 1Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 2Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 3Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 4Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 5Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145011ED Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Sensors
Freescale Semiconductor
3
MC145011
Table 2. Electrical Characteristics
(TA = -10 to 60°C Unless Otherwise Indicated, Voltages Referenced to VSS)
Characteristic
Symbol
Test Condition
VDD/VDC
Min
Max
Unit
Power Supply Voltage Range
VDD
6.0
12
V
Supply Threshold Voltage, Low-Supply Alarm
VTH
Low-Supply Trip: VIN = VDD/3
6.5
7.8
V
Average Operating Supply Current,
Excluding the Visible LED Current
(per Package)
IDD
Standby
Configured per Figure 8
12.0
12
µA
Peak Supply Current,
Excluding the Visible LED Current
(per Package)
IDD
During Strobe On, IRED Off
Configured per Figure 8
12.0
2.0
mA
During Strobe On, IRED On
Configured per Figure 8
12.0
3.0
Low-Level Input Voltage
I/O
FEEDBACK
Test
VIL
9.0
9.0
9.0
1.5
2.7
7.0
V
High-Level Input Voltage
I/O
FEEDBACK
Test
VIH
9.0
9.0
9.0
3.2
6.3
8.5
V
Input Current
OSC, DETECT
LOW-SUPPLY TRIP
FEEDBACK
IIN
VIN = VSS or VDD
VIN = VSS or VDD
VIN = VSS or VDD
12.0
12.0
12.0
±100
±100
± 00
nA
Low-Level Input Current
Test
IIL
VIN = VSS
12.0
-1
µA
Pull-Down Current
Test
I/O
IIH
VIN = VDD
No Local Smoke, VIN = VDD
No Local Smoke, VIN = 17 V
9.0
9.0
12.0
0.5
25
10
100
140
µA
Low-Level Output Voltage
LED
SILVER, BRASS
VOL
IOUT = 10 mA
IOUT = 16 mA
6.5
6.5
0.6
1.0
V
High-Level Output Voltage
SILVER, BRASS
VOH
IOUT = -16 mA
6.5
5.5
V
Output Voltage
STROBE
(For Line Regulation, see
Pin Descriptions)
VOUT
Inactive, IOUT = -1 µA
Active, IOUT = 100 µA to 500 µA
(Load Regulation)
9.0
VDD - 0.1
VDD - 4.4
VDD - 5.6
V
IRED
Inactive, IOUT = 1 µA
Active, IOUT = 6 mA
(Load Regulation)
9.0
2.25(1)
1. TA = 25°C only.
0.1
3.75(1)
High-Level Output Current
I/O
IOH
Local Smoke, VOUT = 4.5 V
6.5
-4
mA
Local Smoke, VOUT = VSS
(Short Circuit Current)
12.0
-16
Off-State Output Leakage Current
LED
IOZ
VOUT = VSS or VDD
12.0
±1
µA
Common Mode
C1, C2, DETECT
Voltage Range
VIC
Local Smoke, Push button Test, or
Chamber Sensitivity Test
VDD - 4
VDD - 2
V
Smoke Comparator
Internal
Reference Voltage
Vref
Local Smoke, Push button Test, or
Chamber Sensitivity Test
VDD -
3.08
VDD - 3.92
V


Số phần tương tự - MC145011ED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010DW FREESCALE-MC145010DW Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010ED FREESCALE-MC145010ED Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145010P FREESCALE-MC145010P Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
More results

Mô tả tương tự - MC145011ED

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14470 MOTOROLA-MC14470 Datasheet
159Kb / 5P
   Ionization Smoke Detector with I/O For Line-Powered Applications
logo
Freescale Semiconductor...
MC145010 FREESCALE-MC145010 Datasheet
403Kb / 12P
   Photoelectric Smoke Detector IC with I/O
MC145012 FREESCALE-MC145012 Datasheet
383Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A12 BELLING-BL59A12 Datasheet
271Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Freescale Semiconductor...
MC145012EG FREESCALE-MC145012EG Datasheet
384Kb / 14P
   Photoelectric Smoke Detector IC with I/O and Temporal Pattern Horn Driver
logo
SHANGHAI BELLING CO., L...
BL59A10 BELLING-BL59A10 Datasheet
244Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR IC
logo
Renesas Technology Corp
RAA239101 RENESAS-RAA239101 Datasheet
258Kb / 4P
   Photoelectric Smoke Detector AFE IC
Jun 27, 2022
logo
MOSDESIGN SEMICONDUCTOR...
M75110 MOSDESIGN-M75110 Datasheet
166Kb / 8P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
2010-07-14
logo
Gamewell-FCI by Honeywe...
PSD-7155 GAMEWELL-FCI-PSD-7155 Datasheet
66Kb / 2P
   Photoelectric smoke detector
logo
List of Unclassifed Man...
M75010 ETC1-M75010 Datasheet
168Kb / 10P
   PHOTOELECTRIC SMOKE DETECTOR WITH INTERCONNECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com