công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC145011P bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC145011P bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 12 page Sensors Freescale Semiconductor 3 MC145011 Table 2. Electrical Characteristics (TA = -10 to 60°C Unless Otherwise Indicated, Voltages Referenced to VSS) Characteristic Symbol Test Condition VDD/VDC Min Max Unit Power Supply Voltage Range VDD — 6.0 12 V Supply Threshold Voltage, Low-Supply Alarm VTH Low-Supply Trip: VIN = VDD/3 — 6.5 7.8 V Average Operating Supply Current, Excluding the Visible LED Current (per Package) IDD Standby Configured per Figure 8 12.0 — 12 µA Peak Supply Current, Excluding the Visible LED Current (per Package) IDD During Strobe On, IRED Off Configured per Figure 8 12.0 — 2.0 mA During Strobe On, IRED On Configured per Figure 8 12.0 — 3.0 Low-Level Input Voltage I/O FEEDBACK Test VIL 9.0 9.0 9.0 — — — 1.5 2.7 7.0 V High-Level Input Voltage I/O FEEDBACK Test VIH 9.0 9.0 9.0 3.2 6.3 8.5 — — — V Input Current OSC, DETECT LOW-SUPPLY TRIP FEEDBACK IIN VIN = VSS or VDD VIN = VSS or VDD VIN = VSS or VDD 12.0 12.0 12.0 — — — ±100 ±100 ± 00 nA Low-Level Input Current Test IIL VIN = VSS 12.0 — -1 µA Pull-Down Current Test I/O IIH VIN = VDD No Local Smoke, VIN = VDD No Local Smoke, VIN = 17 V 9.0 9.0 12.0 0.5 25 — 10 100 140 µA Low-Level Output Voltage LED SILVER, BRASS VOL IOUT = 10 mA IOUT = 16 mA 6.5 6.5 — — 0.6 1.0 V High-Level Output Voltage SILVER, BRASS VOH IOUT = -16 mA 6.5 5.5 — V Output Voltage STROBE (For Line Regulation, see Pin Descriptions) VOUT Inactive, IOUT = -1 µA Active, IOUT = 100 µA to 500 µA (Load Regulation) — 9.0 VDD - 0.1 VDD - 4.4 — VDD - 5.6 V IRED Inactive, IOUT = 1 µA Active, IOUT = 6 mA (Load Regulation) — 9.0 — 2.25(1) 1. TA = 25°C only. 0.1 3.75(1) High-Level Output Current I/O IOH Local Smoke, VOUT = 4.5 V 6.5 -4 — mA Local Smoke, VOUT = VSS (Short Circuit Current) 12.0 — -16 Off-State Output Leakage Current LED IOZ VOUT = VSS or VDD 12.0 — ±1 µA Common Mode C1, C2, DETECT Voltage Range VIC Local Smoke, Push button Test, or Chamber Sensitivity Test — VDD - 4 VDD - 2 V Smoke Comparator Internal Reference Voltage Vref Local Smoke, Push button Test, or Chamber Sensitivity Test — VDD - 3.08 VDD - 3.92 V |
Số phần tương tự - MC145011P |
|
Mô tả tương tự - MC145011P |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |