công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34702EK bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC34702EK
Giải thích chi tiết về linh kiện  3.0 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34702EK bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC34702EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34702EK Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
34702
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3.
Static Electrical Characteristics
Characteristics noted under conditions -40°C TA 85°C unless otherwise noted. Input voltages VIN1 = VIN2 = 3.3 V using
the typical application circuit (see Figure 33) unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
GENERAL
Operating Voltage Range (VIN1, VIN2)
VIN
2.8
6.0
V
Start-Up Voltage Threshold (Boost Switching)
VST
–1.6
1.8
V
VBST Undervoltage Lockout (VBST rising)
VBST_UVLO
5.5
6.5
V
VBST Undervoltage Lockout Hysterisis
VBST_UVLO_HYS
0.5
1.5
V
Input DC Supply Current (Normal Operation Mode, Enabled), Unloaded
Outputs
IIN
–60
mA
VIN1 Pin Input Supply Current (EN1 = EN2 = 0)
IIN1
–10
mA
VIN2 Pin Input Leakage Current (EN1 = EN2 = 0)
IIN2
100
µA
VDDI Internal Supply Voltage
VDDI
2.9
3.3
V
VDDI Maximum Output Current (Externally Loaded)
IDDI
––
-10
mA
BUCK CONVERTER
Buck Converter Feedback Voltage (7), (8)
IVOUT = 15 mA to 3.0 A. Includes Load Regulation Error
VINV
0.784
0.800
0.816
V
Buck Converter Voltage Margining Step Size
VMVO
–1.0
%
Buck Converter Voltage Margining Highest Positive Value
VMP
5.9
7.0
7.9
%
Buck Converter Voltage Margining Lowest Negative Value
VMN
-7.9
7.0
-5.9
%
Buck Converter Line Regulation (7), (8)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 3.0 A
REGLNVO
-1.0
1.0
%
Buck Converter Load Regulation (7), (8)
VIN1 = VIN2 = 2.8 V to 6.0 V, IVOUT = 15 mA to 3.0 A
REGLDVO
-1.0
1.0
%
VOUT Input Leakage Current
VOUT = 5.25 V
IVOUTLK
–3.5
mA
INV Input Leakage Current
INV = 0.8 V
INVLEAK
-1.0
1.0
µA
Notes
7.
Design information only. This parameter is not production tested.
8.
VOUT refers to load current on output switcher.


Số phần tương tự - MC34702EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
More results

Mô tả tương tự - MC34702EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
34701 FREESCALE-34701_07 Datasheet
860Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
logo
ON Semiconductor
CS5203-1 ONSEMI-CS5203-1 Datasheet
248Kb / 10P
   3.0 A Adjustable Linear Regulator
September, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com