công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34701EK bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC34701EK
Giải thích chi tiết về linh kiện  1.5 A Switch-Mode Power Supply with Linear Regulator
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34701EK bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC34701EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34701EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
34701
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2.
Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or permanent
damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Supply Voltage
VIN1, VIN2
-0.3 to 7.0
V
Switching Node Voltage
VSW
-1.0 to 7.0
V
Buck Regulator Bootstrap Input Voltage (BOOT - SW)
VIN(BOOT)
-0.3 to 8.5
V
Boost Regulator Output Voltage
VBST
-0.3 to 8.5
V
Boost Regulator Drain Voltage
VBD
-0.3 to 9.5
V
RST
Drain Voltage
VRST
-0.3 to 7.0
V
Enable Pin Voltage at EN1, EN2
VEN
-0.3 to 7.0
V
Logic Pin Voltage at SDA, SCL
VLOG
-0.3 to 7.0
V
Analog Pin Voltage
LDO, VOUT, RST
LDRV, LCMP, CS
VOUT
VLIN
-0.3 to 7.0
-0.3 to 8.5
V
Pin Voltage at CLKSEL, ADDR, RT, FREQ, VDDI, CLKSYN, INV, LFB
VLOGIC
-0.3 to 3.6
V
ESD Voltage (1)
Human Body Model
Machine Model
VESD
±2000
±200
V
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (C
ZAP=100 pF, RZAP=1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (C
ZAP=200 pF, RZAP=0 Ω), and the Charge Device Model.


Số phần tương tự - MC34701EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
More results

Mô tả tương tự - MC34701EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34701EK FREESCALE-MC34701EK Datasheet
739Kb / 38P
   1.5 A Switch-Mode Power Supply with Linear Regulator
logo
Motorola, Inc
33702 MOTOROLA-33702 Datasheet
841Kb / 24P
   3.0 A Switch-Mode Power Supply with Linear Regulator
logo
Freescale Semiconductor...
34702 FREESCALE-34702 Datasheet
863Kb / 38P
   3.0 A Switch-Mode Power Supply with Linear Regulator
MC34702 FREESCALE-MC34702 Datasheet
773Kb / 39P
   3.0A Switch-Mode Power Supply with Linear Regulator
MC34701EW FREESCALE-MC34701EW Datasheet
770Kb / 39P
   1.5A Switch-Mode Power Supply with Linear Regulator
33730 FREESCALE-33730_12 Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
33730 FREESCALE-33730_10 Datasheet
854Kb / 26P
   Switch Mode Power Supply with Multiple Linear Regulators
MCZ33730EK FREESCALE-MCZ33730EK Datasheet
687Kb / 28P
   Switch Mode Power Supply with Multiple Linear Regulators
logo
ON Semiconductor
CS52015-1 ONSEMI-CS52015-1 Datasheet
242Kb / 9P
   1.5 A Adjustable Linear Regulator
September, 2006 ??Rev. 7
logo
Freescale Semiconductor...
MC34703 FREESCALE-MC34703 Datasheet
1Mb / 46P
   10A Switch-Mode Power Supply with LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com