công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC34652EF bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC34652EF
Giải thích chi tiết về linh kiện  2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34652EF bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34652EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34652EF Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34652
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
Most telecom and data transfer networks require that
circuit boards be inserted and removed from the system
without powering down the entire system. When a circuit
board is inserted into or removed from a live backplane, the
filter or bypass capacitors at the input of the board’s power
module or switching power supply can cause large transient
currents when being charged or discharged. These currents
can cause severe and permanent damage to the boards, thus
making the system unstable. Figure 4 displays the inrush
current to the filter capacitor if a hot swap device is absent.
The inrush current reached an unsafe value of more than
55 A.
Figure 4. Circuit Board Insertion Without a
Hot Swap Device, Inrush Current Not Limited
The 34652 is an integrated negative voltage hot swap
controller with an internal Power MOSFET. The 34652
resides on the plug-in boards and allows the boards to be
safely inserted or removed by powering up the supply
voltages in a controlled manner and regulating the inrush
current to a user-programmable limit, thus allowing the
system to safely stabilize (see Figure 5). The 34652 provides
protection against overcurrent, undervoltage, overvoltage,
and overtemperature. Furthermore, it protects the system
from short circuits.
Figure 5. Circuit Board Insertion With the Hot Swap
Device, Inrush Current Limited
By integrating the control circuitry and the Power MOSFET
switch into a space-efficient package, the 34652 offers a
complete, cost-effective, and simple solution that takes much
less board space than a similar part with an external Power
MOSFET requires.
The 34652 can be used in -48 V telecom and networking
systems, servers, electronic circuit breakers, -48 V
distributed power systems, negative power supply control,
and central office switching.
FUNCTIONAL PIN DESCRIPTION
NEGATIVE SUPPLY INPUT VOLTAGE (VIN)
The VIN pin is the most negative power supply input. All
pins except the DISABLE pin are referenced to this input.
POWER GOOD OUTPUT (ACTIVE HIGH) (PG)
The PG pin is the active high power good output signal that
is used to enable or disable a load. This signal goes active
after a successful power-up sequence and stays active as
long as the device is in normal operation and is not
experiencing any faults.
The signal is deactivated under the following conditions:
• Power is turned off.
• The device is disabled for more than 1.0 ms.
• The device exceeded its thermal shutdown threshold for
more than 12
µs.
• The device is in overvoltage or undervoltage mode for
more than 1.0 ms.
• Load current exceeded the overcurrent limit for more than
3.0 ms.
This pin is referenced to VIN.


Số phần tương tự - MC34652EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34652EF FREESCALE-MC34652EF Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
More results

Mô tả tương tự - MC34652EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC34652 FREESCALE-MC34652 Datasheet
1Mb / 25P
   2.0 A Negative Voltage Hot Swap Controller with Enhanced Programmability
34653 FREESCALE-34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
NXP Semiconductors
MC34653 NXP-MC34653 Datasheet
1Mb / 24P
   1.0 A Negative Voltage Hot Swap Controller
Rev. 8.0, 2/2007
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com