công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33991EGR2 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33991EGR2
Giải thích chi tiết về linh kiện  Gauge Driver Integrated Circuit
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33991EGR2 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33991EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33991EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33991
PIN CONNECTIONS
15
RST
Reset. If the master decides to reset the device, or place it into a sleep state, the RST pin is driven to a
logic 0. A logic 0 on the RST pin will force all internal logic to the known default state. This input has an
internal active pull-up.
16
V
PWR
Battery Voltage. Power supply.
17 - 20
GND
Ground. These pins serve as the ground for the source of the low-side output transistors as well as the
logic portion of the device. They also help dissipate heat from the device.
21
SIN1-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
22
SIN1+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
23
COS1-
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
24
COS1+
H-Bridge Output. This is the output pin of a half bridge, designed to source or sink current. The H-Bridge
pins linearly drive the sine and cosine coils of two separate stepper motors to provide four-quadrant
operation.
Table 1. 33991 Pin Definitions (continued)
Pin Number
Pin Name
Definitions


Số phần tương tự - MCZ33991EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33990EF FREESCALE-MCZ33990EF Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MCZ33990EF/R2 FREESCALE-MCZ33990EF/R2 Datasheet
1Mb / 16P
   Enhanced Class B Serial Transceiver
MCZ33990EFR2 FREESCALE-MCZ33990EFR2 Datasheet
849Kb / 16P
   Enhanced Class B Serial Transceiver
MCZ33993EW FREESCALE-MCZ33993EW Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
MCZ33993EW FREESCALE-MCZ33993EW Datasheet
1Mb / 28P
   Multiple Switch Detection Interface
More results

Mô tả tương tự - MCZ33991EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33970 FREESCALE-33970 Datasheet
1Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
logo
NXP Semiconductors
MC33970 NXP-MC33970 Datasheet
2Mb / 36P
   Dual Gauge Driver Integrated Circuit with Improved Damping Algorithms
Rev. 3.0, 1/2007
logo
NTE Electronics
NTE1431 NTE-NTE1431 Datasheet
66Kb / 1P
   Integrated Circuit Audio Driver
NTE1715 NTE-NTE1715 Datasheet
18Kb / 2P
   Integrated Circuit 8-Circuit Display Driver
NTE1857 NTE-NTE1857 Datasheet
56Kb / 6P
   Integrated Circuit Stepper Motor Driver
logo
Infineon Technologies A...
AUIR08152S INFINEON-AUIR08152S Datasheet
1Mb / 18P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
2015-11-09
logo
NTE Electronics
NTE1751 NTE-NTE1751 Datasheet
20Kb / 2P
   Integrated Circuit TV SCR Driver
NTE1766 NTE-NTE1766 Datasheet
22Kb / 2P
   Integrated Circuit Reversible Motor Driver
logo
International Rectifier
AUIR08152S IRF-AUIR08152S_15 Datasheet
999Kb / 13P
   BUFFER GATE DRIVER INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com