công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33989EGR2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33989EGR2
Giải thích chi tiết về linh kiện  System Basis Chip with High-Speed CAN Transceiver
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33989EGR2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MCZ33989EGR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33989EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 66 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33989
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33989 Pin Connections
Table 1. 33989 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 18.
Pin Number
Pin Name
Pin Function
Formal Name
Definition
1
RX
Output
Receive Data
CAN bus receive data output pin.
2
TX
Input
Transmit Data
CAN bus transmit data input pin.
3
VDD1
Power
Output
Voltage Digital Drain
One
5.0 V regulator output pin. Supply pin for the MCU.
4
RST
Output
Reset
This is the device reset output pin whose main function is to reset the
MCU. This pin has an internal pullup current source to VDD.
5
INT
Output
Interrupt
This output is asserted LOW when an enabled interrupt condition occurs.
The output is a push-pull structure.
6–9
20–23
GND
Ground
Ground
These device ground pins are internally connected to the package lead
frame to provide a 33989-to-PCB thermal path.
10
V2
Input
Voltage Source Two
Sense input for the V2 regulator using an external series pass transistor.
V2 is also the internal supply for the CAN transceiver.
11
V2CTRL
Power
Output
Voltage Control
Output drive source for the V2 regulator connected to the external series
pass transistor.
12
VSUP
Power
Voltage Supply
Supply input pin for the 33989.
13
HS1
Output
High Side One
Output of the internal high-side switch. The output current is internally
limited to 150 mA.
14–17
L0:L3
Input
Level 0: 3
Inputs from external switches or from logic circuitry.
22
CANH
Output
CAN High
CAN high output pin.
23
CANL
Output
CAN Low
CAN low output pin.
24
SCLK
Input
System Clock
Clock input pin for the Serial Peripheral Interface (SPI).
25
MISO
Output
Master In/Slave Out
SPI data sent to the MCU by the 33989. When CS is HIGH, the pin is in
the high-impedance state.
26
MOSI
Input
Master Out/Slave In
SPI data received by the 33989.
27
CS
Input
Chip Select
The CS input pin is used with the SPI bus to select the 33989.
28
WD
Output
Watch Dog
The WD output pin is asserted LOW if the software watchdog is not
correctly triggered.
WD
MISO
SCLK
GND
GND
GND
GND
CANL
CANH
L3
L2
L1
CS
MOSI
RX
RST
INT
GND
GND
GND
GND
V2
V2CTRL
VSUP
HS1
L0
TX
VDD1
4
5
6
7
8
9
10
11
12
13
14
2
3
28
25
24
23
22
21
20
19
18
17
16
15
27
26
1


Số phần tương tự - MCZ33989EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33902EF/R2 FREESCALE-MCZ33902EF/R2 Datasheet
651Kb / 31P
   High Speed CAN Interface with Embedded 5.0 V Supply
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 98P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK FREESCALE-MCZ33903B3EK Datasheet
2Mb / 104P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK-R2 FREESCALE-MCZ33903B3EK-R2 Datasheet
1Mb / 766P
   SBC Gen2 with CAN High Speed and LIN Interface
MCZ33903B3EK/R2 FREESCALE-MCZ33903B3EK/R2 Datasheet
1Mb / 106P
   SBC Gen2 with CAN High Speed and LIN Interface
More results

Mô tả tương tự - MCZ33989EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
MC33989 MOTOROLA-MC33989 Datasheet
676Kb / 32P
   System Basis Chip with High Speed CAN Transceiver
logo
NXP Semiconductors
MC33907 NXP-MC33907_08 Datasheet
2Mb / 107P
   Power System Basis Chip with High Speed CAN transceiver
Rev. 3.0, 2/2014
logo
Freescale Semiconductor...
33742 FREESCALE-33742_08 Datasheet
1Mb / 70P
   System Basis Chip with Enhanced High Speed CAN Transceiver
logo
NXP Semiconductors
FS6407 NXP-FS6407 Datasheet
2Mb / 111P
   Power system basis chip with high speed can transceiver
Rev. 3.0, 7/2016
logo
Freescale Semiconductor...
33742 FREESCALE-33742 Datasheet
2Mb / 65P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
Motorola, Inc
MC33742 MOTOROLA-MC33742 Datasheet
1Mb / 52P
   System Basis Chip (SBC) with Enhanced High-Speed CAN Transceiver
logo
NXP Semiconductors
UJA1169A NXP-UJA1169A Datasheet
935Kb / 80P
   Mini high-speed CAN system basis chip
Rev. 1-12 May 2020
UJA1076 NXP-UJA1076 Datasheet
342Kb / 47P
   High-speed CAN core system basis chip
Rev. 02-27 May 2010
UJA1169 NXP-UJA1169 Datasheet
623Kb / 74P
   Mini high-speed CAN system basis chip
Rev. 1 ??4 February 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com