công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33977EGR2 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33977EGR2
Giải thích chi tiết về linh kiện  Single Gauge Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33977EGR2 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33977EGR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33977EGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33977
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
SPI INTERFACE TIMING (CS, SCLK, SO, SI, RST) (CONTINUED)
Time from Falling Edge of CS to SO Low Impedance (22)
tSOEN
145
ns
Time from Falling Edge of CS to SO High Impedance (23)
tSODIS
1.3
4.0
µs
Time from Rising Edge of SCLK to SO Data Valid (24)
0.2 VDD = SO = 0.8 VDD, CL = 200 pF
tVALID
90
150
ns
Notes
21.
The 33977 shall meet all SPI interface timing requirements specified in the SPI Interface Timing section of this table, over the specified
temperature range. Digital interface timing is based on a symmetrical 50 percent duty cycle SCLK Clock Period of 33 ns. The device shall
be fully functional for slower clock speeds.
22.
Time required for output status data to be terminated at SO 1.0 k
Ω load on SO.
23.
Time required for output status data to be available for use at SO 1.0 k
Ω load on SO.
24.
Time required to obtain valid data out from SO following the rise of SCLK.
Table 4. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V
< VDD < 5.25 V, and -40°C < TA < 125°C, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33977EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MCZ33977EGR2 NXP-MCZ33977EGR2 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
More results

Mô tả tương tự - MCZ33977EGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33977 NXP-MC33977 Datasheet
2Mb / 37P
   Single Gauge Driver
Rev. 2.0, 1/2007
logo
Cherry Semiconductor Co...
CS4172 CHERRY-CS4172 Datasheet
158Kb / 6P
   Single Air-Core Gauge Driver
logo
ON Semiconductor
CS4172 ONSEMI-CS4172 Datasheet
65Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 - Rev. 3
CS4192 ONSEMI-CS4192 Datasheet
71Kb / 8P
   Single Air-Core Gauge Driver
December, 2001 ??Rev. 6
CS4192 ONSEMI-CS4192_05 Datasheet
83Kb / 8P
   Single Air?묬ore Gauge Driver
September, 2005 ??Rev. 7
logo
Motorola, Inc
MC33991 MOTOROLA-MC33991 Datasheet
660Kb / 36P
   Gauge Driver Integrated Circuit
logo
Freescale Semiconductor...
33991 FREESCALE-33991 Datasheet
1Mb / 36P
   Gauge Driver Integrated Circuit
logo
NXP Semiconductors
SA5777A PHILIPS-SA5777A Datasheet
116Kb / 12P
   Dual air-core gauge driver
1999 Sep 20
SA5778 PHILIPS-SA5778 Datasheet
122Kb / 16P
   Serial triple gauge driver STGD
1998 Apr 03
logo
Texas Instruments
BQ27220 TI1-BQ27220 Datasheet
128Kb / 6P
[Old version datasheet]   Single-Cell CEDV Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com