công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33882EPR2 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC33882EPR2
Giải thích chi tiết về linh kiện  Six-Output Low-Side Switch with SPI and Parallel Input Control
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33882EPR2 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC33882EPR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33882EPR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33882
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Limit
ELECTRICAL RATINGS
Load Supply Voltage
Normal Operation (Steady-State)
Transient Survival (1)
VPWR(SS)
VPWR(T)
25
-1.5 to 60
V
Logic Supply Voltage (2)
VDD
-0.3 to 7.0
V
Input Pin Voltage (3)
VIN
-0.3 to VDD + 0.3
V
Output Clamp Voltage (OUT0 to OUT5) (4)
20 mA = IO = 0.2 A
VO(OFF)
48 to 64
V
Output Self-Limit Current
OUT0 to OUT5
OUT6 and OUT7
IO(LIM)
3.0 to 6.0
0.05 to 0.15
A
ESD Voltage (HSOP and QFN)
Human Body Model (5)
Machine Model (6)
VESD1
VESD2
±2000
±200
V
Output Clamp Energy (7)
OUT0 to OUT5: Single Pulse at 1.5 A, TJ = 150°C
OUT6 and OUT7: Single Pulse at 0.45 A, TJ = 150°C
ECLAMP
100
50
mJ
Maximum Operating Frequency (SPI) SO (8)
fOF
3.2
MHz
THERMAL RATINGS
Storage Temperature
TSTG
-55 to 150
°C
Operating Junction Temperature
TJ
-40 to 150
°C
Peak Package Reflow Temperature During Reflow (9), (10)
TPPRT
Note 10.
°C
Notes
1.
Transient capability with external 100
Ω resistor in series with V
PWR pin and supply.
2.
Exceeding these voltages may cause a malfunction or permanent damage to the device.
3.
Exceeding the limits on any parallel inputs or SPI pins may cause permanent damage to the device.
4.
With output OFF.
5.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω).
6.
ESD2 testing is performed in accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
7.
Maximum output clamp energy capability at indicated junction temperature using a single pulse method.
8.
Serial Frequency Specifications assume the IC is driving 8 tri-stated devices (20 pF each).
9.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
10.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MC33882EPR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Motorola, Inc
MC33882DH/R2 MOTOROLA-MC33882DH/R2 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
MC33882FC/R2 MOTOROLA-MC33882FC/R2 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882PEK NXP-MC33882PEK Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
More results

Mô tả tương tự - MC33882EPR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Freescale Semiconductor...
MC33397DW FREESCALE-MC33397DW Datasheet
575Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
MC33397D FREESCALE-MC33397D Datasheet
563Kb / 20P
   Dual/Hex Low-Side Switch with Both SPI and Parallel Input Control
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
TLE8110EE INFINEON-TLE8110EE Datasheet
1Mb / 72P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0, June 2009
logo
Freescale Semiconductor...
33882 FREESCALE-33882_09 Datasheet
796Kb / 27P
   Six-Output Low-Side Switch
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com