công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33797EK bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33797EK
Giải thích chi tiết về linh kiện  Four Channel Squib Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33797EK bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCZ33797EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33797EK Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
VFIRE1A / VFIRE2A Current During High Side Safing Sensor Diagnostics
(Command $CO)
Per VFIREXA pin, with High Side Safing Sensor Diagnostic active
IRRE
260
350
400
µA
VFIRE1B / VFIRE2B Current During High Side Safing Sensor Diagnostics
(Command $CO)
Per VFIREXB pin, with High Side Safing Sensor Diagnostic active
IRRE
22
32
55
µA
VFIRE1B / VFIRE2B Current During VFIRE Diagnostics (Command $C5)
Either VFIRE!B or VFIRE2B Diagnostic active
IRRE
0.3
2.0
3.8
mA
VFIRE Quiescent Current - Total
All VFIRE pins measured together, with Diagnostics Off
IQVFIRETOTAL
90
135
180
µA
Maximum Allowable External Capacitance to Ground (9)
Per Squib pin SQB_LO and SQB_HI
CSMAX
0.12
µF
Maximum Allowable External Resistance to Ground During Firing (9)
VFIRE_RTN pin to Ground
RSMAX
0.15
Individual FET Driver Thermal Shutdown (9), (10)
TSD
160
190
C
FET Driver Thermal Shutdown Re-Enable Threshold After Drive Cool-down
(9), (10)
TREN
90
110
C
FET DRIVERS HIGH- AND LOW-SIDE DRIVER TRANSISTOR STATUS/DIAGNOSTICS ($82, $83 COMMANDS)
Voltage Transistor Test Threshold for High-Side Driver Transistor
VTRANTST1
5.5
6.0
6.5
V
High-Side Driver Current Limit During High-Side Driver Transistor
Diagnostics
15 V
≤ V
VFIRE_XX ≤ 35 V
ITRANTST1
2.0
10
50
mA
Voltage Transistor Test Threshold for Low-Side Driver Transistor
VTRANTST2
1.0
1.4
2.0
V
Low-Side Driver Current Limit During Low-Side Driver Transistor
Diagnostics
15 V
≤ V
VFIRE_XX ≤ 35 V
ITRANTST2
2.0
10
50
mA
FEN INPUT PIN (FEN_1 AND FEN_2)
Internal Current Pull-Down
IFEN
-25
-40
-50
µA
Logic Low Level
VFEN(LO)
0.0
2.5
0.35 x VDD
V
Fire Enable Pin Logic High Level
VFEN(HI)
0.65 x VDD
2.5
1.0 x VDD
V
Notes
9
Guaranteed by design.
10
With a nominal squib load, the FET squib driver will not enter thermal shutdown until the driver has been active for a minimum of 2.1 ms.
The individual squib driver thermal shutdown will not affect other squib driver firing ON times. With a shorted squib load, the FET squib
driver will not enter thermal shutdown until the driver has been active for a minimum of 2.1 ms. When the thermal shutdown limit is
exceeded, the FET driver will turn OFF and the thermal status bit will be set to 1. The FET squib driver can be activated through the
arm/fire command when the TEMPRENABLE (MIN) is reached (thermal shutdown status “0”). Nominal squib load: 2.15 Ω ±0.15 Ω.
Shorted squib load: 0.1
Ω.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V VDD 5.25 V; 7.0 V VVFIRE_XX 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C TA +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33797EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EG FREESCALE-MCZ33790EG Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33790EGR2 FREESCALE-MCZ33790EGR2 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
MCZ33793AEF FREESCALE-MCZ33793AEF Datasheet
747Kb / 27P
   Distributed System Interface (DSI) Sensor Interface
More results

Mô tả tương tự - MCZ33797EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com