công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33797EKR2 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC33797EKR2
Giải thích chi tiết về linh kiện  Four Channel Squib Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797EKR2 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33797EKR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33797EKR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
RST INPUT PIN (ACTIVE LOW) (11)
System Reset Threshold
VDDRST
4.1
V
Internal Current Pull-Down
IRST
-6
-10
-15
µA
RST Logic Low Level
VRST(LO)
0.0
2.5
0.35 x VDD
V
RST Logic High Level
VRST(HI)
0.65 x VDD
2.5
1.0 x VDD
V
SQUIB DIAGNOSTICS ($D0–$D3 COMMANDS) (12)
Diagnostic Current Through Squib (13)
IDIAG
30
34
40.5
mA
Resistance Threshold 1 (13)
RTH1
1.2
1.4
1.6
Resistance Threshold 2 (13)
RTH2
1.6
1.8
2.1
Resistance Threshold 3 (13)
RTH3
2.1
2.4
2.6
Resistance Threshold 4 (13)
RTH4
2.6
2.9
3.2
Resistance Threshold 5 (13)
RTH5
3.3
3.7
4.4
Resistance Threshold 6 (13)
RTH6
4.6
5.4
6.0
Resistance Threshold 7 (13)
RTH7
5.7
6.5
7.1
Resistance Threshold 8 (13)
RTH8
6.7
7.8
8.5
SQUIB SHORT-TO-BATTERY/GROUND DIAGNOSTICS AND SQUIB HARNESS SHORT-TO-BATTERY/GROUND DIAGNOSTICS WITH
AN OPEN SQUIB ($C1, $C3 COMMANDS)
Voltage Threshold for SQB_LO and SQB_HI Shorted to VPWR
7.0 V
≤ V
VDIAG_X ≤ 35 V
VTHSB
5.7
6.0
6.4
V
Voltage Threshold for SQB_LO and SQB_HI Shorted to Ground
7.0 V
≤ V
VDIAG_X ≤ 35 V
VTHSG
1.3
1.4
1.6
V
Current Sink Shorts Measurements I_SQB_LO_XX (14)
1.0 V
≤ SENSE_XX ≤ 16 V, Typical = 800 µA
ISINKSHRTS
-500
-800
-900
µA
Current Source Shorts Measurements I_SQB_HI_XX (14)
1.0 V
≤ SENSE_XX ≤ 16 V, 7.0 V ≤ V
VDIAG_X ≤ 35 V
ISOURSHRTS
1.7
3.5
3.7
mA
Voltage Threshold for SQB_LO or SQB_HI Shorted to VPWR with an Open
Squib using $C3 Command
RSQUIB = Open
VTHSB_SO
5.75
6.75
V
Notes
11
Reset Bar range of operation: The minimum system reset bar threshold/active will be set to “0” for a value of VDD ≤ 4.1 V.
12
By changing the R_DIAG resistor value, the resistance thresholds can be varied in a linear relationship.The R_DIAG resistance can be
changed by ±10% to shift the thresholds by ±10%. Design goal for resistance threshold change is ±15%. R_DIAG threshold limit may
have to be changed to accommodate ±15% change. Example: Shifting the R_DIAG resistance value ±10%, the resistance threshold
will change by ±10%. Refer to Table 4, page 12.
13
RR_DIAG = 10 kΩ ±1.0%
14
XX = 1A, 1B, 2A, or 2B.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V VDD 5.25 V; 7.0 V VVFIRE_XX 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C TA +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC33797EKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797EK/R2 FREESCALE-MC33797EK/R2 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
More results

Mô tả tương tự - MC33797EKR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com