công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33797EK bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MC33797EK
Giải thích chi tiết về linh kiện  Four Channel Squib Driver IC
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33797EK bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC33797EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33797EK Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33797
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Voltage Threshold for SQB_LO or SQB_HI Shorted to Ground with an Open
Squib using $C3 Command
RSQUIB = Open
VTHSG_SO
1.3
1.8
2.0
V
DIAGNOSTICS FOR SQUIB CONTINUITY BETWEEN SENSE_XX AND SQB_LO_XX ($C2 COMMAND)
Current Threshold for SQUIB_LO_1A, 1B, 2A, and 2B Continuity Check for
Standard and Cross-coupled Conditions ($C2) SQUIB_LO_XXCONT (15)
7.0 V
≤ V
VDIAG_X ≤ 35 V
ITHSQB CON
150
350
mA
DIAGNOSTICS FOR SQUIB SHORT BETWEEN FIRING LOOPS ($E0–$E3, $E8 COMMANDS)
Voltage Threshold for Standard Squib Connection
7.0 V
≤ V
VDIAG_X ≤ 35 V
VTHSQBNOM
1.0
1.4
2.0
V
Voltage Threshold for SQUIB_X Shorted to SQUIB_Y (1 or More Shorted
Conditions)
Short Between Squib Lines (Loops) (SQUIB_XX_SSQB_YY) (16)
VTHSSQB
1.0
1.4
2.0
V
VDIAG SUPPLY DIAGNOSTICS ($C0 COMMAND)
VDIAG Supply Voltage High Threshold
VDHI
15
17
18.3
V
VDIAG Supply Voltage Low Threshold
VDLO
5.7
6.5
7.0
V
VFIRE SUPPLY DIAGNOSTICS VFIRE_1B AND VFIRE_2B ($C5 COMMAND)
VFIRE Supply Voltage High Threshold
VFDHI
15
17
18.3
V
VFIRE Supply Voltage Low Threshold
VFLO
5.7
6.5
7.0
V
VDIAG SUPPLY DIAGNOSTICS VDIAG_1 AND VDIAG_2 (ADDITIONAL VOLTAGE THRESHOLDS) ($C5 COMMAND)
VDIAG Supply Voltage Threshold 4
VVDIAG_X V4
30.2
32.8
36.2
V
VDIAG Supply Voltage Threshold 3
VVDIAG_X V3
25.5
27.7
30.2
V
VDIAG Supply Voltage Threshold 2
VVDIAG_X V2
20.5
22.6
25.5
V
VDIAG Supply Voltage Threshold 1
VVDIAG_X V1
16
18.4
20.5
V
VFIRE_RTN DIAGNOSTICS ($C9 COMMAND)
R_RTN1 Short-to-Ground Threshold (Open Ground Connection)
RRTN1
0.15
0.6
R_RTN2 Short-to-Ground Threshold (Open Ground Connection)
RRTN2
0.15
0.6
HIGH-SIDE SAFING SENSOR DIAGNOSTICS ($C0 COMMAND)
R_HS Valid Resistor Range
15 V
≤ V
VDIAG_X ≤ 35 V
RHS
4.1
5.1
6.1
k
R_HS Open Threshold
15 V
≤ V
VDIAG_X ≤ 35 V
RHSO
6.1
7.2
9.0
k
Notes
15
XX = 1A, 1B, 2A, or 2B
16
XX and YY = 1A, 1B, 2A, or 2B
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 4.75 V VDD 5.25 V; 7.0 V VVFIRE_XX 35 V; VVDIAG_X = VVFIRE_XX; FEN 1 = FEN 2
= VDD; RR_LIMIT_X = 10 kΩ ±1%, RR_DIAG = 10 kΩ ±1%, -40°C TA +85°C, GND = 0 unless otherwise noted. Typical values
noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC33797EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797EK/R2 FREESCALE-MC33797EK/R2 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
More results

Mô tả tương tự - MC33797EK

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33797 FREESCALE-MC33797 Datasheet
639Kb / 32P
   Four Channel Squib Driver IC
33797 FREESCALE-33797_11 Datasheet
1Mb / 35P
   Four Channel Squib Driver IC
logo
Infineon Technologies A...
TLE92464ED INFINEON-TLE92464ED Datasheet
4Mb / 117P
   Four channel low-side solenoid driver IC
Rev. 1.1 2020-11-20
logo
Toshiba Semiconductor
TPD2004F TOSHIBA-TPD2004F_07 Datasheet
288Kb / 10P
   2-channel Squib Driver for Air Bags
logo
Texas Instruments
TPIC71002-Q1 TI1-TPIC71002-Q1 Datasheet
370Kb / 8P
[Old version datasheet]   Dual Channel Squib Drivers
logo
Intersil Corporation
ISL6536A INTERSIL-ISL6536A Datasheet
134Kb / 6P
   Four Channel Supervisory IC
ISL6536 INTERSIL-ISL6536 Datasheet
160Kb / 6P
   Four Channel Supervisory IC
logo
Anpec Electronics Corop...
APL6536 ANPEC-APL6536 Datasheet
181Kb / 13P
   Four-Channel Supervisory IC
logo
Renesas Technology Corp
ISL6536 RENESAS-ISL6536 Datasheet
467Kb / 7P
   Four Channel Supervisory IC
logo
Sanyo Semicon Device
LA6541NH SANYO-LA6541NH Datasheet
91Kb / 9P
   For CD Players and Recorders Four-Channel Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com