công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33793D bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33793D
Giải thích chi tiết về linh kiện  Distributed System Interface (DSI) Sensor Interface
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33793D bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33793D Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33793D Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33793
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 4. Static Electrical Characteristics
Characteristics noted under conditions -0.3 V
≤ V
BUSIN or VBUSOUT ≤ 30 V, 5.5 V < V
H_CAP < 30 V, -40°C < TA < 85°C unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
Internal Quiescent Current Drain
VH_CAP = 25 V, Logout = 0, I/O = Input
IQ
3.0
mA
BUSIN or BUSOUT to H_CAP Rectifier Voltage Drop
IBUSIN or IBUSOUT = 15 mA
IBUSIN or IBUSOUT = 100 mA
VRECT
0.75
0.9
1.0
1.2
V
BUSIN + BUSOUT Bias Current
VBUSIN or VBUSOUT = 8.0 V, VH_CAP = 9.0 V
VBUSIN or VBUSOUT = 0.5 V, VH_CAP = 25 V
IBIAS
-100
100
20
µA
Rectifier Leakage Current
VBUSIN or VBUSOUT = 5.0 V, VH_CAP = 25 V
IRLKG
-20
100
µA
Reg0ut
5.5 V > VH_CAP > 25 V, IRO = 12 mA
VREG
4.75
5.0
5.25
V
RegOut Line Regulation
IRO = 12 mA, 5.5 V > VH_CAP > 25 V
VRLINE
71
180
mV
RegOut Load Regulation
IRO = 0 to 12 mA, 5.5 V > VH_CAP > 25 V
VRLD
2.3
100
mV
Undervoltage Lockout
Proportional to unloaded VREGOUT
VUVL
0.93
0.95
0.97
VRO
Bus Switch Resistance
VBI = 8.0 V, IBO = -80 mA (Bus Switch Active)
RSW
4.0
8.0
I/O0 and I/O3 Pull-Down Current
0 < VBUSIN or VBUSOUT < 1.0 V
IPD
7.0
11
13
µA
I/O1 and I/O2 Pull-Up Current
VRO < VBUSIN or VBUSOUT < VRO - 1.0 V
IPU
-7.0
-11
-13
µA
BUSIN and BUSOUT Logic Thresholds
Low
High
VTHL
VTHH
2.8
5.5
3.0
6.0
3.2
6.5
V
Logic Duty Cycle (assured by design)
Logic 0
Logic 1
DCL
DCH
10
60
33
67
40
90
%
BUSIN + BUSOUT Response Current
VBUSIN and/or VBUSOUT = 4.0 V
IRSP
9.9
11
12.1
mA
ADC Code Conversion Error (INL)
ADCINL
< 1.0
LSB
ADC Full-scale Error
ADCFS
3
counts
I/O Logic Input Thresholds
Logic High
Logic Low
VIH
VIL
0.7
0.54
0.51
0.3
VRO


Số phần tương tự - MC33793D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33793D MOTOROLA-MC33793D Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
MC33793DR2 MOTOROLA-MC33793DR2 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
More results

Mô tả tương tự - MC33793D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33793 MOTOROLA-MC33793 Datasheet
640Kb / 24P
   Distributed System Interface (DSI) Sensor Interface
logo
NXP Semiconductors
MC33793 NXP-MC33793 Datasheet
1Mb / 27P
   Distributed System Interface (DSI) Sensor Interface
Rev 15.0, 2/2014
logo
Freescale Semiconductor...
33790 FREESCALE-33790_08 Datasheet
429Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
33790 FREESCALE-33790 Datasheet
244Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Motorola, Inc
MC33790 MOTOROLA-MC33790 Datasheet
233Kb / 12P
   Two-Channel Distributed System Interface (DSI) Physical Interface Device
logo
Freescale Semiconductor...
33793 FREESCALE-33793_10 Datasheet
882Kb / 27P
   Distributed System Interface
33784 FREESCALE-33784 Datasheet
1Mb / 30P
   DSI 2.02 Sensor Interface
33784 FREESCALE-33784_09 Datasheet
601Kb / 30P
   DSI 2.02 Sensor Interface
AN1816 FREESCALE-AN1816 Datasheet
2Mb / 24P
   USING THE HC912B32 TO IMPLEMENT THE DISTRIBUTED SYSTEMS INTERFACE (DSI) PROTOCOL
logo
Texas Instruments
TMS9901 TI-TMS9901 Datasheet
555Kb / 13P
[Old version datasheet]   programmable system interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com