công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33689DEW bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33689DEW
Giải thích chi tiết về linh kiện  System Basis Chip with LIN Transceiver
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33689DEW bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33689DEW Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33689DEW Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33689
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
HS3 HIGH-SIDE OUTPUT PIN
Output Drain-to-Source ON Resistance
TA = 25°C, IOUT -50 mA
TA = 125°C, IOUT -50 mA
TA = 125°C, IOUT -30 mA
RDS(ON)
5.5
10
7.0
10
14
Output Current Limitation
ILIM
60
100
200
mA
Overtemperature Shutdown (13)
TOTSD
155
190
°C
Output Leakage Current
ILEAK
10
µA
OUT, E+, AND E- PINS AT CURRENT SENSE OPERATIONAL AMPLIFIER
Input Voltage – Rail-to-Rail at E+ and E-
VIMC
-0.1
VCC +0.1
V
Output Voltage Range at OUT
With ±1.0 mA Output Load Current
With ± 5.0 mA Output Load Current
VOUT
0.1
0.3
VCC -0.1
VCC -0.3
V
Input Bias Current
IB
250
nA
Input Offset Voltage
VIO
-15
15
mV
Input Offset Current
IO
-100
100
nA
L1 AND L2 INPUT PINS
Low-Voltage Detection Input Threshold Voltage
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHL
2.0
2.5
2.7
2.5
3.0
3.2
3.0
3.5
3.7
V
High-Voltage Detection Input Threshold Voltage
5.5 V < VSUP < 6.0 V
6.0 V < VSUP < 18 V
18 V < VSUP < 27 V
VTHH
2.7
3.0
3.5
3.3
4.0
4.2
3.8
4.5
4.7
V
Input Hysteresis
5.5 V < VSUP < 27 V
VHYS
0.5
1.3
V
Input Current
-0.2 V < VIN < 40 V
IIN
-10
10
µA
Notes
13.
When overtemperature occurs, switch is turned off and latched off. Flag is set in SPI Register. Refer to description on page 26.
Table 3. Static Electrical Characteristics (continued)
Characteristics noted under conditions 5.5 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0.0 V unless otherwise noted.
Typical values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MCZ33689DEW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33661EF FREESCALE-MCZ33661EF Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
MCZ33661EFR2 FREESCALE-MCZ33661EFR2 Datasheet
542Kb / 21P
   Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
More results

Mô tả tương tự - MCZ33689DEW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
ATMEL Corporation
ATA664151 ATMEL-ATA664151_14 Datasheet
1Mb / 50P
   LIN System Basis Chip with LIN Transceiver
logo
Motorola, Inc
MC33689 MOTOROLA-MC33689 Datasheet
229Kb / 18P
   System Basis Chip with LIN transceiver
logo
NXP Semiconductors
MC33689 NXP-MC33689 Datasheet
890Kb / 31P
   System Basis Chip with LIN Transceiver
Rev. 8.0, 9/2012
logo
Freescale Semiconductor...
33910 FREESCALE-33910_10 Datasheet
1Mb / 90P
   LIN System Basis Chip with High
logo
NXP Semiconductors
UJA1079 NXP-UJA1079 Datasheet
332Kb / 45P
   LIN core system basis chip
Rev. 02-27 May 2010
UJA1079A NXP-UJA1079A Datasheet
337Kb / 46P
   LIN core system basis chip
Rev. 2 ??31 January 2011
UJA1069 NXP-UJA1069_09 Datasheet
304Kb / 64P
   LIN fail-safe system basis chip
Rev. 04-28 October 2009
UJA1069 PHILIPS-UJA1069 Datasheet
299Kb / 64P
   LIN fail-safe system basis chip
Rev. 02-5 March 2007
UJA1069 NXP-UJA1069 Datasheet
310Kb / 64P
   LIN fail-safe system basis chip
Rev. 03-10 September 2007
logo
Freescale Semiconductor...
MC33910 FREESCALE-MC33910 Datasheet
853Kb / 49P
   LIN System Basis Chip with High Side Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com