công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33661EF bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33661EF
Giải thích chi tiết về linh kiện  Local Area Network (LIN) Enhanced Physical Interface with Selectable Slew Rate
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33661EF bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MCZ33661EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33661EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33661
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. Static Electrical Characteristics
Characteristics noted under conditions 7.0 V
≤ V
SUP ≤ 18 V, - 40°C ≤ T
A ≤ 125°C, GND = 0 V unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
VSUP PIN (DEVICE POWER SUPPLY)
Supply Voltage
Nominal DC
Functional DC, TA ≥ 25°C
VSUP
7.0
6.0
13.5
18.0
V
Supply Current in Sleep Mode
VSUP ≤ 13.5 V, Recessive State
13.5 V < VSUP < 18 V
VSUP ≤ 13.5 V, Dominant State or Shorted to GND
IS1
IS2
IS3
8.0
300
12
200
µA
Supply Current in Normal, Slow, or Fast Mode
Bus Recessive, Excluding INH Output Current
Bus Dominant, Total Bus Load >500
Ω, Excluding INH Output Current
IS(REC)
IS(DOM)
4.0
6.0
6.0
8.0
mA
RXD OUTPUT PIN (LOGIC)
Low-Level Output Voltage
IIN ≤ 1.5 mA
VOL
0
0.9
V
High-Level Output Voltage
VEN = 5.0 V, IOUT ≤ 250 µA
VEN = 3.3 V, IOUT ≤ 250 µA
VOH
4.25
3.0
5.25
3.5
V
TXD INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
1.2
V
High-Level Input Voltage
VIH
2.5
V
Input Threshold Voltage Hysteresis
VINHYST
100
300
800
mV
Pullup Current Source
VEN = 5.0 V, 1.0 V < VTXD < 3.5 V
IPU
-60
-35
-20
µA
EN INPUT PIN (LOGIC)
Low-Level Input Voltage
VIL
1.2
V
High-Level Input Voltage
VIH
2.5
V
Input Voltage Threshold Hysteresis
VINHYST
100
300
800
mV
Low-Level Input Current
VIN = 1.0 V
IIL
5.0
20
30
µA
High-Level Input Current
VIN = 4.0 V
IIH
20
40
µA


Số phần tương tự - MCZ33661EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33689DEW FREESCALE-MCZ33689DEW Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
MCZ33689DEWR2 FREESCALE-MCZ33689DEWR2 Datasheet
490Kb / 31P
   System Basis Chip with LIN Transceiver
More results

Mô tả tương tự - MCZ33661EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Freescale Semiconductor...
MC33661PEFR2 FREESCALE-MC33661PEFR2 Datasheet
678Kb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
33399 FREESCALE-33399 Datasheet
435Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
logo
NXP Semiconductors
MC33399 NXP-MC33399 Datasheet
908Kb / 19P
   Local Interconnect Network (LIN) Physical Interface
Rev. 10.0, 4/2013
logo
Motorola, Inc
MC33661 MOTOROLA-MC33661 Datasheet
377Kb / 20P
   LIN Enhanced Physical Interface
MC33399 MOTOROLA-MC33399 Datasheet
282Kb / 9P
   Automotive Local Interconnect Network Physical Interface
logo
Texas Instruments
SN65HVDA100-Q1 TI1-SN65HVDA100-Q1 Datasheet
679Kb / 26P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021 TI-TPIC1021 Datasheet
208Kb / 13P
[Old version datasheet]   LIN Physical Interface
TPIC1021A-Q1 TI1-TPIC1021A-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   LIN PHYSICAL INTERFACE
TPIC1021D TI1-TPIC1021D Datasheet
738Kb / 18P
[Old version datasheet]   LIN Physical Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com