công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33395EWR2 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC33395EWR2
Giải thích chi tiết về linh kiện  Three-Phase Gate Driver IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33395EWR2 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC33395EWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33395EWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33395
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted.
Rating
Symbol
Value
Unit
VIGN Supply Voltage
VIGN
-15.5 to 40
VDC
VIGNP Load Dump Survival
V
IGNPLD
-0.3 to 65
VDC
VDD Logic Supply Voltage (Fail Safe)
VDD
-0.3 to 7.0
VDC
Logic Input Voltage (LSEn, HSEn, PWM, and MODEn)
VIN
0.3 to 7.0
VDC
Start Up Current VIGNP
IVIGNSTARTUP
100
mA
ESD Voltage (1)
Human Body Model
Machine Model
VESD1
VESD2
±500
±200
V
Storage Temperature
TSTG
-65 to 160
°C
Operating Ambient Temperature
TA
-40 to 125
°C
Operating Case Temperature
TC
-40 to 125
°C
Maximum Junction Temperature
TJ
150
°C
Power Dissipation (TA = 25°C)
PD
1.5
W
Peak Package Reflow Temperature During Reflow (2), (3)
TPPRT
Note 3
°C
Thermal Resistance, Junction-to-Ambient
RΘJA
65
°C/W
Notes
1.
ESD1 testing is performed in accordance with the Human Body Model (CZAP = 100 pF, RZAP = 1500 Ω), ESD2 testing is performed in
accordance with the Machine Model (CZAP = 200 pF, RZAP = 0 Ω).
2.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
3.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MC33395EWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
MC33395DWB/R2 MOTOROLA-MC33395DWB/R2 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
MC33395TDWB/R2 MOTOROLA-MC33395TDWB/R2 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
More results

Mô tả tương tự - MC33395EWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33395 MOTOROLA-MC33395 Datasheet
534Kb / 16P
   Three-Phase Gate Driver IC
logo
Texas Instruments
DRV8302 TI1-DRV8302_16 Datasheet
560Kb / 32P
[Old version datasheet]   Three Phase Gate Driver
DRV8303 TI1-DRV8303_15 Datasheet
1Mb / 37P
[Old version datasheet]   Three Phase Gate Driver
DRV8305 TI1-DRV8305_16 Datasheet
1Mb / 59P
[Old version datasheet]   Three Phase Gate Driver
DRV8301 TI1-DRV8301_16 Datasheet
2Mb / 39P
[Old version datasheet]   Three-Phase Gate Driver
DRV3245-Q1 TI1-DRV3245-Q1 Datasheet
135Kb / 5P
[Old version datasheet]   Three-Phase Automotive Gate Driver
DRV8305-Q1 TI1-DRV8305-Q1_16 Datasheet
640Kb / 54P
[Old version datasheet]   Three-Phase Automotive Gate Driver
logo
Princeton Technology Co...
PT5618 PTC-PT5618 Datasheet
337Kb / 4P
   200V Three-Phase Gate Driver
PT5619 PTC-PT5619 Datasheet
477Kb / 6P
   90V Three-Phase Gate Driver
logo
Texas Instruments
DRV8300 TI-DRV8300_V01 Datasheet
1Mb / 27P
[Old version datasheet]   DRV8300: Three-Phase BLDC Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com