công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC33395DWBR2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc |
|
MC33395DWBR2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc |
3 / 16 page Analog Integrated Circuit Device Data Freescale Semiconductor 3 33395 PIN CONNECTIONS PIN CONNECTIONS Figure 3. 33395 Pin Connections Table 1. 33395 Pin Definitions A functional description of each pin can be found in the Functional Pin Description section beginning on page 9. Pin Number Pin Name Pin Function Formal Name Definition 1 CP2H Charge Pump Cap High potential pin connection for secondary charge pump capacitor 2 CPRES Input Charge Pump Reserve Cap Input from external reservoir capacitor for charge pump 3 VIGN Input Input Voltage Input from ignition level supply voltage for power functions 4 VGDH Output High-Side Gate Voltage Output full-time gate drive for auxiliary high-side power MOSFET switch 5 VIGNP Input Input Voltage Protected Input from protected ignition level supply for power functions 6 SRC1 Sensor High-Side Sense Sense for high-side source voltage, phase 1 7 GDH1 Output Gate Drive High Output for gate high-side, phase 1 8 GDL1 Output Output for Gate Output for gate drive low-side, phase 1 9 SRC2 Sensor High-Side Sense Sense for high-side source voltage, phase 2 10 GDH2 Output Gate Drive High Output for gate high-side, phase 2 11 GDL2 Output Output for Gate Output for gate drive low-side, phase 2 12 SRC3 Sensor High-Side Sense Sense for high-side source voltage, phase 3 13 GDH3 Output Gate Drive High Output for gate drive high-side, phase 3 14 GDL3 Output Gate Drive Low Output for gate drive low-side, phase 3 15 PGND Ground Power Ground Ground pins for power functions 16 Test N/A Test Pin This should be connected to ground or left open 17 -ISENS Input IS Minus Inverting input for current limit comparator 18 +ISENS Input IS Plus Non-inverting input for current limit comparator 19 AGND Ground Analog Ground Ground pin for logic functions 20 VDD Power Logic Supply Voltage Supply voltage for logic functions 21 PWM Input Pulse Width Modulator Input for pulse width modulated driver duty cycle CP2L 1 LSE2 LSE3 HSE1 HSE2 HSE3 MODE0 MODE1 PWM VDD +ISENS -ISENS AGND LSE1 CP1H CP1L CP2H VIGNP SRC1 GDH1 GDL1 SRC2 GDH2 GDL2 SRC3 GDH3 PGND TEST GDL3 VGDH CPRES VIGN 8 9 10 11 12 13 14 15 16 3 4 5 6 7 2 32 25 24 23 22 21 20 19 18 17 30 29 28 27 26 31 |
Số phần tương tự - MC33395DWBR2 |
|
Mô tả tương tự - MC33395DWBR2 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |