công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33389CVWR2 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MC33389CVWR2
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33389CVWR2 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC33389CVWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33389
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT (CONTINUED)
CANL Wake-Up Voltage Threshold
Bus Stand-by Mode
VWAKEL
2.5
3.3
3.9
V
CANH Wake-Up Voltage Threshold
Bus Stand-by Mode
VWAKEH
1.2
2.0
2.7
V
Wake-Up Threshold Difference
VWAKEL -
VWAKEH
0.2
V
CANH Single Ended Receiver Threshold
Failures 4, 6, and 7
VCANH
1.5
1.85
2.15
V
CANL Single Ended Receiver Threshold
Failures 3 and 8
VCANL
2.8
3.05
3.4
V
CANL Pull-Up Current
Bus Normal Mode
ICANLPU
45
75
90
µA
CANH Pull Down Current
Bus Normal Mode
ICANLPD
45
75
90
µA
Receiver Differential Input Impedance CANH/CANL
RDIFF
100
180
k
Differential Receiver Common Mode Voltage Range
VCOM
-8.0
8.0
V
RTL to V2 Switch on Resistance
IOUT < -10 mA, Bus Normal Operating Mode
RRTL
10
25
70
RTL to Battery Switch Series Resistance
Bus Stand-by Mode
RRTL
8.0
12.5
20
k
RTH to Ground Switch on Resistance
IOUT < 10 mA, All Modes
RRTH
25
70
CONTROL INTERFACE
High Level Input Voltage
VIH
0.7 V1
V1 + 0.3 V
V
CS Threshold for SPI Wake-Up
SBC in Sleep Mode, V1 < 1.5 V
VCSTH
2.2
V
CS Filter Time for SPI Wake-Up
SBC in Sleep Mode, V1 < 1.0 V
tCSFT
3.0
µs
Low Level Input Voltage
VIL
-0.3
0.3 V1
V
High Level Input Current on CS
VI = 4.0 V
ICSH
-100
-20
µA
Low Level Input Current on CS
VI = 1.0 V
ICSL
-100
-20
µA
TX High Level Input Current
VI = 4.0 V
ITXH
-200
-80
-25
µA
TX Low Level Input Current
VI = 1.0 V
ITXL
-800
-320
-100
µA
SI, SCLK Input Current
0 < VIN < V1
ISISLK
-10
+10
µA
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions VBAT, -40°C ≤ TA ≤ 125°C unless otherwise noted. Typical values noted reflect the
approximate parameter means at TA = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Số phần tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389CDH MOTOROLA-MC33389CDH Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW MOTOROLA-MC33389CDW Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Mô tả tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com