công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33389CVWR2 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC33389CVWR2
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33389CVWR2 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC33389CVWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33389
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 3. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS
DC Voltage at VBAT Pin
VBAT
-0.3 to 27
V
Transient Voltage at VBAT Pin
t < 500 ms (load dump)
VBAT
40
V
DC Voltage at Pins CANH and CANL
VBAT
-20 to 27
V
Transient Voltage at Pins CANH and CANL
0.0 < V2 < 5.5, VBAT > 0.0, t < 500 ms
VBAT
-40 to 40
V
Coupled Transient Voltage at Pins CANH and CANL
With 100
Ω Termination Resistors, Coupled Through 1.0 nF (1)
VBAT
-100 to 100
V
DC Voltage at Pins V1 and V2
VBAT
-0.3 to 6.0
V
DC Current at Output Pins RX, MISO, RST, INT
VBAT
-20 to 20
mA
DC Voltage at Input Pins TX, MOSI, CS, RST
VBAT
-0.3 to 6.0
V
DC Voltage at Pins L0, L1, L2
0.0 < VBAT < 40 V
VBAT
-0.3 to 40
V
Current at Pins L0, L1, L2
VBAT
-15
mA
Transient Current at Pin V3
VBAT
-30 to 20
mA
DC Voltage at pins RTH and RTL
VBAT
-0.3 to 40
V
ESD Voltage on any Pin (HBM 100 pF, 1.5 K)
VBAT
-2.0 to 2.0
kV
ESD Voltage on L0, L1, L2, CANH, CANL, VBAT
VBAT
-2.0 to 2.0
kV
ESD Voltage on any Pin (MM 200 pF, 0
Ω)
VBAT
-150 to 150
V
THERMAL RATINGS
Operating Junction Temperature
TJ
-40 to 150
°C
Ambient Temperature
TA
-40 to 125
°C
Storage Temperature
TS
-55 to 165
°C
Notes
1.
Pulses 1, 2, 3a, and 3b according to ISO7637.


Số phần tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389CDH MOTOROLA-MC33389CDH Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW MOTOROLA-MC33389CDW Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Mô tả tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com