công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33389CVWR2 bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC33389CVWR2
Giải thích chi tiết về linh kiện  System Basis Chip with Low Speed Fault Tolerant CAN
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33389CVWR2 bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC33389CVWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33389CVWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33389
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33389 Pin Connections
Table 1. 33389 Pin Definitions: HSOSP 20-Lead
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number
Pin Name
Formal Name
Definition
1
TX
Transmitter Data
Transmitter input of the LS CAN interface
2
V1
Voltage Regulator One This 5.0 V pin is a 3% low drop voltage regulator dedicated to the microcontroller supply.
3
RX
Receiver Data
Receiver output of the LS CAN interface
4
RST
Reset
This is an Input/Output pin.
5
INT
Interrupt Output
This output is asserted LOW when an enabled interrupt condition occurs.
6
MISO
Master In/Slave Out
This pin is the tri-state output from the shift register.
7
MOSI
Master Out/Slave In
This pin is for the input of serial instruction data.
8
SCLK
System Clock
This pin clocks the internal shift registers.
9
CS
Chip Select
This pin communicates with the system MCU and enables SPI communication.
10 - 12
L0 - L2
Level 0 - 2 inputs
(L0: L2)
Input interfaces to external circuitry. Levels at these pins can be read by SPI and input
can be used as programmable wake-up input in Sleep or Stop mode.
13
RTH
RTH
Pin for the connection of the bus termination to CANH
14
CANL
CAN Low
CAN low input/output
15
GND
Ground
This pin is the ground of the integrated circuit.
16
CANH
CAN High
CAN high input/output
17
V2
Voltage Regulator Two This 5.0 V pin is a low drop voltage regulator dedicated to the peripherals supply.
18
RTL
RTL
Pin for the connection of the bus termination to CANL
19
VBAT
Voltage Battery
This pin is voltage supply from the battery.
20
V3
Voltage Regulator
Three
This pin is a 10
Ω switch to V
BAT, used to supply external contacts or relays.
V3
TX
VBAT
RTL
V2
CANH
GND
CANL
RTH
L0
L1
V1
INT
MISO
MOSI
SCLK
CS
L2
RX
RST
1
2
3
4
5
6
7
8
9
10
20
19
16
15
14
13
12
11
18
17


Số phần tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389CDH MOTOROLA-MC33389CDH Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
MC33389CDW MOTOROLA-MC33389CDW Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
More results

Mô tả tương tự - MC33389CVWR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
   System Basis Chip with Low Speed Fault Tolerant CAN
logo
Freescale Semiconductor...
33889 FREESCALE-33889 Datasheet
2Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
   System Basis Chip with Low Speed Fault Tolerant CAN Interface
logo
Motorola, Inc
PC33889 MOTOROLA-PC33889 Datasheet
464Kb / 30P
   System Basis Chip Lite with Low Speed Fault Tolerant CAN Interface
logo
NXP Semiconductors
UJA1061 NXP-UJA1061 Datasheet
340Kb / 74P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 05-22 November 2007
UJA1061 NXP-UJA1061_10 Datasheet
529Kb / 77P
   Fault-tolerant CAN/LIN fail-safe system basis chip
Rev. 06-9 March 2010
UJA1061 PHILIPS-UJA1061 Datasheet
323Kb / 81P
   Low speed CAN/LIN system basis chip
2004 Mar 22
logo
STMicroelectronics
L4969URTR-E STMICROELECTRONICS-L4969URTR-E Datasheet
492Kb / 46P
   System voltage regulator with fault tolerant low speed CAN transceiver
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
   SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
logo
Motorola, Inc
MC33989 MOTOROLA-MC33989 Datasheet
269Kb / 23P
   System Basis Chip With High Speed CAN Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com