công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33388D bảng dữ liệu(PDF) 13 Page - Freescale Semiconductor, Inc

tên linh kiện MC33388D
Giải thích chi tiết về linh kiện  Fault Tolerant CAN Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33388D bảng dữ liệu(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MC33388D Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 13Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 14Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 15Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 16Page - Freescale Semiconductor, Inc MC33388D Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
MC33388
Electromagnetic Compatibility
MC33388
MOTOROLA
13
Introduction
The device is designed for optimized noise emission (EMI)
and high susceptibility performances (EMC). The source for
both disturbance and susceptibility is primarily coming form the
bus line wires. They are by far the longest connections
compared to the printed circuit board of the application
receiving the MC333388, the microcontroller and the other
components.
EMI Noise
In order to minimize the HF noise generated by the
complete application, the MC33388 minimizes the common
mode voltage and current glitches occurring at each bus
transition : from dominant to recessive and from recessive to
dominant. This is achieves by excellent matching in signal
transition between CANL and CANH. The common mode
voltage and current glitches are defined as follow :
CmV = (Vcanh+Vcanl)/2,
CmI = (Icanh+Icanl)/2.
The device is optimized for dual wires operations. Under a
fault condition, for instance one CAN bus connection shorted to
fixed voltage, e.g GND, the common mode will be considerably
degraded.
Figure below shows the typical signals for common mode
voltage measured at CANL and CANH pins.
Figure 5. Typical Common Mode Glitch
Measured at CANL CANH
Tx: 5V/div
Common Mode
100mV/div
Glitch
NERR: 5V/div
CAUTION : The common mode voltage characteristics are
dependant upon immediate device environment, such as bus
capacitor loading, bus wire length and type, etc... In addition, the
symmetry of the CANL and CANH bus lines is key parameter to
optimize common mode glitches. For instance un-symmetry
could result in different parasitic capacitors value between
CANL to GND and CANH to GND and will increase common
mode glitches and degrade overall system performances.
EMC Susceptibility Performances
The MC33388 is optimized for high immunity from external
field disturbances. The bus lines are by far the primary antenna
for external field coupling to the CANL, CANH, Rtl and Rth
connections. The device performances are characterized using
the Bulk Current Injection (BCI) test method, derivated from
specification ISO 11452-4.
Susceptibility evaluation with BCI :
The component is configured according to the electrical
schematic very close to the typical application schematic, figure
4. Main difference is that the microcontroller is replaced by an
external generator and analyzer connected to RX, TX and
NERR through optical link. A network composed of two nodes
equipped with MC33388, one in emitter and one in receiver is
evaluated. The disturbance is applied to both CANL and CANH
twisted pair bus line lines with appropriate coupling clamp.
During test sequences, received bits are compared to
transmit bits. When received bits are different from transmit bits
the device is considered as fail for the particular frequency.
Results
Figures 7 and 8 below describe the device susceptibility
performances in the frequency range of 1 to 400MHz with target
of injected current of 200mA and 316mA.
When the target current is reached and when no
susceptibility is observed, the next frequency point is analyzed,
until reaching the max frequency, 400Mhz. If a susceptibility is
observed for a particular frequency, the free point is marked.
Figure 7 below shows results with a target susceptibility level
of 316mA or 49dBmA with a 1KHz 80% modulation added to the
injected current. Figure 8 shows the susceptibility levels with a
target susceptibility level of 200mA or 46dBmA without
modulation added to the injected current.
Figure 6. Min. Susceptibility Level With Modulation
1.0
10
100
1000
20
30
40
60
10
FREQUENCY (MHz)
50
LIMIT OF TEST (49dB) (No Susceptibility)
NO SUSCEPTIBILITY AREA
Susceptibility Points
Figure 7. Min. Susceptibility Level Without Modulation
1.0
10
100
1000
20
30
40
50
60
10
FREQUENCY (MHz)
NO SUSCEPTIBILITY AREA
46
Susceptibility Points
LIMIT OF TEST (46dB) (No Susceptibility)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Số phần tương tự - MC33388D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33388D MOTOROLA-MC33388D Datasheet
454Kb / 28P
   Fault Tolerant CAN Interface
More results

Mô tả tương tự - MC33388D

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33388 MOTOROLA-MC33388 Datasheet
454Kb / 28P
   Fault Tolerant CAN Interface
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
   Fault-tolerant CAN transceiver
1997 Oct 15
logo
Infineon Technologies A...
TLE6262G INFINEON-TLE6262G Datasheet
809Kb / 38P
   Fault Tolerant CAN - LDO
version 2.03 2002-03-20
logo
ON Semiconductor
AMIS-41682 ONSEMI-AMIS-41682 Datasheet
270Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054 NXP-TJA1054 Datasheet
146Kb / 25P
   Fault-tolerant CAN transceiver
Rev. 04-24 September 2009
logo
AMI SEMICONDUCTOR
AMIS-4168X AMI-AMIS-4168X Datasheet
625Kb / 18P
   Fault Tolerant CAN Transceiver
logo
NXP Semiconductors
TJA1054 PHILIPS-TJA1054 Datasheet
124Kb / 20P
   Fault-tolerant CAN transceiver
1999 Feb 11
logo
ON Semiconductor
AMIS41682NGA ONSEMI-AMIS41682NGA Datasheet
259Kb / 16P
   Fault Tolerant CAN Transceiver
June, 2010 ??Rev. 8
logo
NXP Semiconductors
TJA1054A NXP-TJA1054A Datasheet
152Kb / 27P
   Fault-tolerant CAN transceiver
Rev. 05-29 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com