công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MCZ33291EGR2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc |
|
MCZ33291EGR2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc |
10 / 26 page Analog Integrated Circuit Device Data 10 Freescale Semiconductor 33291 ELECTRICAL CHARACTERISTICS ELECTRICAL PERFORMANCE CURVES Figure 7. Valid Data Delay Time and Valid Time Waveforms Figure 8. Enable and Disable Time Waveforms Figure 9. Switching Time Test Circuit Figure 10. Output Fault Unlatch Disable Delay Test Circuit SCLK SO SO (Low-to-High) (High-to-Low) tVALID tDLY(LH) tDLY(HL) 0.2 VDD 0.7 VDD tR (SO) tF (SO) 0.7 VDD 0.2 VDD 0.7 VDD 50% 0.2 VDD 0 tR (SI) < 50 ns < 50 ns tF (SI) 5.0 V VOH VOL VOH VOL SO (Low-to-High) is for an output with internal conditions such that the low-to-high transition of CS causes the SO output to switch from high to low. 90% 10% 10% 10% 90% 90% CS SO SO (High-to-Low) (Low-to-High) 0.2 VDD 0.7 VDD < 50 ns < 50 ns tR(SI) tF(SI) tSO(EN) tSO(DIS) tSO(EN) tSO(DIS) VTri-State 5.0 V 0 tSO(DIS) VTri-State VOH 1. SO (high-to-low) waveform is for SO output with internal conditions such that SO output is low except when an output is disabled as a result of de- tecting a circuit fault with CS in a High Logic state; e.g., open load. 2. SO (low-to-high) waveform is for SO output with internal conditions such that SO output is high except when an output is disabled as a result of de- tecting a circuit fault with CS in a High Logic state; e.g., shortened load. CL represents the total capacitance of the test fixture and probe. CS Output CL 33291 Under Test VDD = 5.0 V VPWR = 14 V RL = 26 Ω CS Output CL = 20 pF 33291 Under Test VDD = 5.0 V VPWR = 11 V CL represents the total capacitance of the test fixture and probe. ΙL = 2.0 Α (Ουτπυτ ΟΝ) |
Số phần tương tự - MCZ33291EGR2 |
|
Mô tả tương tự - MCZ33291EGR2 |