công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

33291L bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện 33291L
Giải thích chi tiết về linh kiện  Eight-Output Switch with Serial Peripheral Interface I/O
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  33291L Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33291L
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33291L Pin Connections
Table 2. 33291L Pin Definitions
PIN
NUMBER
PIN NAME
FORMAL NAME
DEFINITION
1
OP7
Output 7
Connection to drain of output MOSFET number seven.
2
OP6
Output 6
Connection to drain of output MOSFET number six.
3
SCLK
System Clock
Clocks the internal Shift registers of the 33291L.
4
SI
Serial Input
This pin is for the input of serial instruction data. SI information is read on the falling
edge of SCLK.
5–8, 17–20
GND
Ground
Connection to IC Power Ground and functions as part of heat sinking path.
9
SO
Serial Output
Tri-stateable output from the Shift register.
10
CS
Chip Select
Whenever this pin is in a logic low state, data can be transferred from the MCU to
the 33291L through the SI pin and from the 33291L to the MCU through the SO pin.
11
OP5
Output 5
Connection to drain of output MOSFET number five.
12
OP4
Output 4
Connection to drain of output MOSFET number four.
13
OP3
Output 3
Connection to drain of output MOSFET number three.
14
OP2
Output 2
Connection to drain of output MOSFET number two.
15
SFPD
Short Fault
Protect Disable
This pin is used to prevent the outputs from latching-OFF because of an overcurrent
condition.
16
VDD
Logic Supply
Plus supply for logic.
21
V
PWR
Output MOSFET
Gate Drive Supply
Main power supply.
22
RST
Reset
This pin is active low. It is used to clear the SPI Shift register, thereby setting all
output switches OFF
.
23
OP1
Output 1
Connection to drain of output MOSFET number one.
24
OP0
Output 0
Connection to drain of output MOSFET number zero.
OP0
GND
GND
GND
GND
VDD
SFPD
OP2
OP3
OP1
RST
VPWR
OP7
GND
GND
GND
GND
SO
CS
OP4
OP6
SCLK
SI
OP5
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1


Số phần tương tự - 33291L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
More results

Mô tả tương tự - 33291L

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
558Kb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
   Eight Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
   Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
   Eight-Output Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
   Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
   Configurable Octal Serial Switch with Serial Peripheral Interface I/O
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com