công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC33288DDH bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC33288DDH
Giải thích chi tiết về linh kiện  Solid State Relay for Automotive Flasher Applications
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33288DDH bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33288DDH Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33288DDH Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33288
FUNCTIONAL DEVICE OPERATION
OPERATIONAL MODES
An external resistor must be connected to the CUR R
terminal and then tied to a microcontroller A/D input for
analog voltage measurement. The CUR R terminal is
internally clamped to protect the MCU A/D input.
Warning Lamp Driver
The warning lamp driver is a 3.2
Ω R
DSON maximum
high-side MOSFET to control the 1.2 W dashboard warning
lamp. This output is current limited and thermally
protected-activated only in the warning mode. It is turned on
by activation of both right and left inputs (IN1 and IN2).
Package
The device is assembled into a power surface mount
package. This package offers high thermal performances
and high current capabilities. It offers 10 terminals on each
package sides and an additional terminal which is the
package heat sink , called terminal 21. The heak sink acts as
the MC33288 power VBAT connection.
Soldering Information
This device is packaged in a Surface Mount Power
package indended to be soldered directly on the Printed
Circuit Board.
This device was qualified according to JEDEC standards
JESD22-A113-B and J-STD-020A with the reflow conditions
applicable for packages with thickness above 2.5 mm:
Convection 220°C +5/-0°C
VPR 215-219°C
IR / Convection 220°C +5/-0°C
The maximum peak temperature during the soldering
process should not exceed 220°C (+5°C/-0°C). The time at
maximum temperature should range from 10 to 40s
maximum.
Thermal Management
The junction to case thermal resistance is 2
°C/W
maximum. The junction to ambient thermal resistance is
dependent on the mounting technology and the addition of
heat sink. One of the most commonly used mounting
techniques consists of using the printed circuit board and the
copper lines as heat sink.
Figure 3. Printed Board Layout Example (not to scale)
Figure 1 shows an example of printed circuit board layout.
It has a total of 10 cm2 additional copper on two sides (2.5
cm2 on the top side and 7.5 cm2 on the down side).
With the above layout, thermal resistance junction to
ambient of 25
°C/W can be achieved, this value being split
into:
• junction to case : RθJC1 = RθJC2 = 2°C/W
• case to ambient : RθCA = 23°C/W
Lower value can be reached with the help of larger and
thicker copper metal, higher number of thermal via from top
to down side pcb and the use of additional thermal via from
the circuit board to the module case.
Steady State Thermal Model
The junction to ambient thermal resistance of the circuit
mounted on a printed circuit board can be split into two main
parts: junction to case and case to ambient resistances.
A simplified steady state model is shown in Figure 2.
Figure 4. Simplified Thermal Model (Electrical
Equivalent)
Down side pcb
Top side pcb
2 cm2
8 cm2
HSOP20
external pcb (4x4 cm)
Thermal
via from
top to down
side pcb
Rthca
RθJC2
RθJC1
Chan 1 Junction
Ambient Temp Node
Chan 2
Case Temp Node
Chan 2 Junction
Temp Node
Temp Node
Chan 1
Switch
Chan 2
Switch
Power (W)
Chan 1
Power (W)
(1.0A=1W of
(1.0V=1
°C)
(Volts represent Die
Surface Temperature)
(1.0
Ω=1°C/W)
Power Dissipation)
2°C/W
2°C/W
25°C/W
AmbientTemperature
This paragraph is boilerplate - you may add to it but, can not change wording. You may change numeric values


Số phần tương tự - MC33288DDH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33288DH MOTOROLA-MC33288DH Datasheet
382Kb / 8P
   Solid State Relay for Automotive Flasher Applications
MC33288DHR2 MOTOROLA-MC33288DHR2 Datasheet
382Kb / 8P
   Solid State Relay for Automotive Flasher Applications
More results

Mô tả tương tự - MC33288DDH

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33288 MOTOROLA-MC33288 Datasheet
382Kb / 8P
   Solid State Relay for Automotive Flasher Applications
logo
Hongfa Technology
HF3631 HONGFA-HF3631 Datasheet
123Kb / 2P
   AUTOMOTIVE SOLID STATE RELAY
HF3628 HONGFA-HF3628 Datasheet
140Kb / 6P
   Automotive solid state relay
logo
Fujitsu Component Limit...
FBR51-WF FUJITSU-FBR51-WF Datasheet
155Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
FBR51-WR FUJITSU-FBR51-WR Datasheet
49Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (FOR AUTOMOTIVE FLASHER LAMP LOAD APPLICATIONS )
logo
Broadcom Corporation.
ASSR-601JV BOARDCOM-ASSR-601JV Datasheet
1Mb / 12P
   Automotive Solid State Relay with R2CouplerTM Isolation
logo
COSMO Electronics Corp...
KSD215AC8 COSMO-KSD215AC8 Datasheet
303Kb / 2P
   SOLID STATE RELAY
KSD240AC3 COSMO-KSD240AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSD215AC3 COSMO-KSD215AC3 Datasheet
281Kb / 2P
   SOLID STATE RELAY
KSA440AC8 COSMO-KSA440AC8 Datasheet
384Kb / 3P
   SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com