công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33199EF bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33199EF
Giải thích chi tiết về linh kiện  Automotive ISO 9141 Serial Link Driver
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33199EF bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33199EF Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33199EF Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33199
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Ratings
Symbol
Value
Unit
ELECTRICAL RATINGS (1)
VS Supply Pin
DC Voltage Range
Transient Pulse (2)
VS
VPULSE
0.5 to + 40
2 to + 40
V
VCC Supply DC Voltage Range
VCC
0.3 to + 6.0
V
DIA and L Pins (2)
DC Voltage Range
Transient Pulse (clamped by internal diode)
DC Source Current
DIA Low Level Sink Current
- 0.5 TO + 38
-2
- 50
INT. LIMIT
V
V
mA
mA
TXD DC Voltage Range
-0.3 TO VCC +0.3
V
REF-IN DC Voltage Range
VS < VCC
VS > VCC
-0.3 TO VCC
-0.3 TO VS
V
ESD Voltage Capability
VESD
+/-2000
V
THERMAL RATINGS
Storage Temperature
TSTG
55 to + 150
°C
Operating Junction Temperature
TJ
40 to + 150
°C
Thermal Resistance, Junction to air
RTJA
180
C/W
Max Power Dissipation (@ TA=105 °C)
PD
250
mW
Peak Package Reflow Temperature During Reflow (3), (4)
TPPRT
Note 4.
°C
Notes
1.
The device is compatible with Specification: “Diagnosis System ISO9141”
2.
See the test Circuit (Figure 26). Transient test pulse according to ISO76371 and DIN 40839, highest test levels
3.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
4.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MCZ33199EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Mô tả tương tự - MCZ33199EF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC33199DR2 FREESCALE-MC33199DR2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
logo
Vishay Siliconix
AN602 VISHAY-AN602 Datasheet
49Kb / 3P
   Driver ICs for Automotive Diagnostic Communications Meet ISO 9141 Standards
16-Jan-01
logo
STMicroelectronics
L9637D STMICROELECTRONICS-L9637D Datasheet
151Kb / 10P
   ISO 9141 INTERFACE
L9637 STMICROELECTRONICS-L9637 Datasheet
81Kb / 11P
   ISO 9141 INTERFACE
E-L9637D STMICROELECTRONICS-E-L9637D Datasheet
179Kb / 15P
   Monolithic bus driver with ISO 9141 interface
logo
Freescale Semiconductor...
MC33660EFR2 FREESCALE-MC33660EFR2 Datasheet
419Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290_16 Datasheet
303Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
MC33660EF FREESCALE-MC33660EF Datasheet
345Kb / 14P
   ISO K Line Serial Link Interface
logo
IK Semicon Co., Ltd
IL33290 IKSEMICON-IL33290 Datasheet
248Kb / 8P
   ISO K Line Serial Link Interface
logo
Freescale Semiconductor...
33290 FREESCALE-33290_08 Datasheet
786Kb / 12P
   ISO K Line Serial Link Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com