công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33198EFR2 bảng dữ liệu(PDF) 11 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33198EFR2
Giải thích chi tiết về linh kiện  Automotive High-Side TMOS Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33198EFR2 bảng dữ liệu(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MCZ33198EFR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MCZ33198EFR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33198
FUNCTIONAL DESCRIPTION
INTRODUCTION
FUNCTIONAL DESCRIPTION
INTRODUCTION
The MC33198 is a high side TMOS driver, dedicated to
automotive applications. It is used in conjunction with an
external power MOSFET for high side drive applications. The
device can drive and protect a large variety of MOSFETs.
The device has a CMOS compatible input control, charge
pump to drive the MOSFET gate, and fault detection circuitry
based on programmable VDS monitoring to detect shorted
loads. It also includes a programmable timer function to
eliminate undesired switch off due to in rush currents, and a
status pin which reports the output status of both on and off
MOSFET states. The device uses few external components,
and offers an economical solution to large current high side
switches. It also has PWM capability up to 1kHz.
POWER SUPPLY
The MC33198 can be supplied from the battery line. It is
designed with a 60V technology, making it able to sustain up
to 60V transient pulses. In the off state, with pin 7 low, the
supply current can be up to 5.0mA, and in operation, pin 7
high, the current up to 25mA. The device has an
undervoltage detection and shutdown near 7.0V. Below this
value the MOSFET is turned off. There is also a 25V
overvoltage detection which switches off the output pin 4 to
protect both the MOSFET and the load when VCC is higher
than 25V.
CHARGE PUMP
The device incorporates a self running charge pump with
an internal capacitor and is connected at Gate pin 4. To
prevent oscillation, a serial resistor can be added. The charge
pump is able to charge a 25nF capacitor in less than 1ms.
This allows the MC33198 to have a rapid response time and
to drive the external TMOS gate very quickly, allowing fast
switching on of the load. The device has an internal 15V
zener diode between pin 4 and 1, to clamp the Gate-to-
Source voltage and protect the MOSFET gate oxide from
destruction. See Dynamic Electrical Characteristics on page
7 for details.
BAND GAP AND REFERENCE CURRENTS
The MC33198 has an internal band gap reference voltage
which generates all the internal thresholds. This band gap is
also used to generate internal reference currents necessary
for proper operation of the device. These currents are :
Pin 2 : Drain current (typically 80mA).
Pin 4 : High and low gate discharge currents (typically
100mA and 10mA).
Pin 8 : Timer charge current (10mA typical).
All these currents are derived from the same reference
voltage and internal resistor. Their accuracy and variability is
approximately +-25% over the full temperature and voltage
range. In addition, a passive pull down current of 5.0mA
maintains the gate of the MOSFET below 0.9V when the
device has no supply, ensuring that the MOSFET remains off.
This passive pulldown current is operating even if device
VCC (pin 5) is not powered up.
INPUT CIRCUITRY
The Input pin (pin 7) of the device is CMOS compatible and
can be directly connected to a microcontroller. The input
current is determined by an internal pull down resistor,
typically 36kW. A hysteresis of 0.8 V minimum is present at
this input.
OUTPUT STATUS
The device has a status output (pin 6) which has an open
collector structure. This pin is used to report the MOSFET
overload condition or the LOAD status when the MOSFET is
off. The device Pin 1 (Source) is compared to a
programmable threshold at Pin 2, in both the on and off state
of the MOSFET. This allows the detection of the MOSFET
over VDS or over load conditions when the MOSFET is on
and the load short to VBAT monitoring, when the MOSFET is
in the off state. This status pin is normally connected to a pull-
up resistor and a micro input, and can drive up to 1.0mA.
TIMER
The Timer pin (pin 8) is used in conjunction with an
external capacitor to create a delay between the overload
detection and the shutdown of the MOSFET. In case of over
load, the internal current source pin 8 will charge the
capacitor. When the voltage at pin 8 reaches the 5.5V
threshold, the internal C3 comparator will be triggered and
switch off the output to protect the MOSFET. The fault and
the MOSFET turn off condition are latched and are reset by
switching the input off and on. The delay between the
overload detection and actual MOSFET turn off is used to
allow a temporary overload which will prevent the system
from switching off during possible inrush currents or
transients.
MOSFET PROTECTION AND OUTPUT VOLTAGE
MONITORING
The MC33198 has the ability to sense the output MOSFET
source voltage and compare it to a predetermined threshold.
This threshold is programmable, using the internal reference
current of 80mA and an external resistor connected at pin 2
(DRN). The device can monitor the output load voltage, as
well as protect the MOSFET in case of overload.
The overload detection threshold must be adapted to the
MOSFET itself depending on the load to be driven and the
thermal capability of the MOSFET. In practice, the maximum
acceptable VDS of the MOSFET should be determined and
based upon the MOSFET maximum power dissipation.


Số phần tương tự - MCZ33198EFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199R2 FREESCALE-MCZ33199R2 Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Mô tả tương tự - MCZ33198EFR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33198 MOTOROLA-MC33198 Datasheet
296Kb / 11P
   Automotive High Side TMOS Driver
logo
Freescale Semiconductor...
MC33285 FREESCALE-MC33285 Datasheet
251Kb / 5P
   Automotive Dual High Side TMOS Driver
33285 FREESCALE-33285_07 Datasheet
317Kb / 13P
   Dual High-Side TMOS Driver
logo
Motorola, Inc
MC33091A MOTOROLA-MC33091A Datasheet
271Kb / 16P
   HIGH?밪IDE TMOS DRIVER
XC33487 MOTOROLA-XC33487 Datasheet
134Kb / 5P
   Automotive Dual High Side Driver
logo
Freescale Semiconductor...
MC33286 FREESCALE-MC33286 Datasheet
318Kb / 8P
   Automotive Dual High Side Driver
logo
ON Semiconductor
FAN7171-GF085 ONSEMI-FAN7171-GF085 Datasheet
1,003Kb / 10P
   High-Side Automotive Gate Driver IC
December-2017, Rev. 3
logo
STMicroelectronics
L9301 STMICROELECTRONICS-L9301 Datasheet
763Kb / 51P
   Automotive octal low side driver or quad low side plus quad high side driver
April 2016 Rev 6
logo
Motorola, Inc
MC33385 MOTOROLA-MC33385 Datasheet
369Kb / 11P
   Automotive Quad Low Side Driver
logo
STMicroelectronics
VNQ5160KTR-E STMICROELECTRONICS-VNQ5160KTR-E Datasheet
469Kb / 30P
   Quad channel high side driver for automotive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com