công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33099CEGR2 bảng dữ liệu(PDF) 10 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33099CEGR2
Giải thích chi tiết về linh kiện  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099CEGR2 bảng dữ liệu(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MCZ33099CEGR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MCZ33099CEGR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33099
TYPICAL APPLICATIONS
Modulated (PWM) waveform having a variable ON/OFF duty
cycle ratio that is determined by an analog or a digital duty
cycle control circuitry that responds to variations in the
system voltage due to variations in system load current. The
PWM waveform has a duty cycle regulation output frequency
of about 395 Hz (fdc) defined by an 8-bit division of an internal
101 kHz oscillator clock frequency (fosc). The GATE voltage
at the GATE pin is due to a charge pump GATE voltage (Vg)
generated by voltage multiplication using an internal charge
pump voltage regulator. The high GATE-to-source voltage
applied to the external MOSFET during the ON cycle of the
PWM waveform minimizes a low drain-to-source ON
resistance (RDS(ON)) and associated drain-to-source voltage
Vd(SAT) to maximize the field current while minimizing the
associated power dissipation in the MOSFET.
A unique feature of the 33099 is the combinational use of
analog and digital duty cycle controllers to provide a Load
Response Control (LRC) duty cycle function when rotor
frequency fph is less than frequency f2. A classic analog duty
cycle function is provided at the GATE output when
frequency fph is greater than frequency f2. During the LRC
mode when f1 < fph < f2, a sudden decrease in the system
voltage due to a sudden increase in system load current will
cause the analog duty cycle to rapidly increase to as great as
100%. However, the LRC circuitry causes the digital duty
cycle to increase to 100% at a controlled predetermined LRC
rate and overrides the analog duty cycle. Thus the alternator
response time is decreased in the LRC mode and prevents
the alternator from placing a sudden high torque load on the
automobile engine during this slow RPM mode. This can
occur when a high current accessory is switched on to the 12
V system, producing a sudden drop in system voltage. When
frequency fph is greater than frequency f2, the slow LRC
response is not in effect and the analog duty cycle controller
controls the PWM voltage waveform applied to the external
MOSFET to regulate the system voltage. By selectively
coupling the LRC1 and LRC2 pins to ground or leaving them
open, the user can program four different LRC rates (Rlrc1-
Rlrc4) from 9.37%/sec to 37.4%/sec. During an initial ignition
ON and engine start-up, the LRC rate is also in effect to
minimize alternator torque loading on the engine during start,
even when a Wide Open Throttle (WOT) condition (fph > f2)
occurs.
An internal N-Channel MOSFET is provided on the IC to
directly drive lamp current as a fault indicator. The fault lamp
is connected between the low side of the ignition switch and
the LAMP DRAIN pin of the IC. A fault is indicated during an
undervoltage battery condition when frequency fph is greater
than frequency f2, during an overvoltage battery condition,
and when frequency fph is less than frequency f1. Frequency
fph < f1 when an insufficient alternator output voltage results
or a slow or non-rotating rotor occurs due to a slipping or
broken belt. An external LAMP GATE pin is also provided for
the internal lamp driver to allow the user to override the
internal IC fault logic and externally drive the internal lamp
drive MOSFET.
When a loose wire or battery pin corrosion causes the
Remote voltage to decrease but is not a Remote Open
condition, the system voltage will increase, causing an
overvoltage Lamp fault indication, and is regulated at a
secondary value of about 18.5 V.
During a system load dump condition, load dump
protection circuitry prevents GATE-to-source drive to the
external MOSFET and to the internal lamp drive MOSFET.
This ensures that neither the field current nor the lamp
current is activated during load dump conditions. A drain-to-
GATE voltage clamp is also provided for the internal lamp
driver for further protection of this driver during load dump.
An ignition pin (IGN) is provided to activate the regulator
from the standby mode into a normal operating mode when
the ignition switch is ON and an ignition voltage (Vign) is
greater than a power up/down ignition threshold voltage
(VTign). When the ignition switch is OFF, voltage Vign is less
than voltage VTign, and the regulator is switched into a low
current standby mode, when frequency fph < f1. The IGN pin
can either be coupled to the low side of the ignition switch or
to the low side of the lamp. When the IGN pin is connected to
the low side of the lamp, the lamp must be shunted by a
resistor to ensure that ignition ON is sensed, even with an
OPEN lamp fault condition. When the lamp in ON, lamp
current is polled OFF periodically at an ignition polling
frequency in order for the IGN pin to periodically sense that
the ignition voltage is high even though the lamp is ON. An
ignition input pull-down current (Iign) is provided to pull
voltage Vign to ground when the IGN pin is OPEN or
terminated on a high resistance.
Two ground pins are provided by the 33099 to separate
sensitive analog circuit ground (AGND) from noisy digital and
high-current ground (GND).
ALTERNATOR REGULATOR BIASING AND
POWER UP/DOWN
The biasing of the regulator is derived from the BAT pin
voltage Vbat. In the normal operating mode when the ignition
switch is ON and voltage Vign is greater than VTign (about
1.25 V), a 5.0 V VDD voltage regulator biases the IC logic and
provides bias to a bandgap shunt voltage regulator. The
bandgap regulator maintains a reference voltage (Vref) of
approximately 2.0 V with an internal negative temperature
coefficient (-TC) as well as a 1.25 V Zero Temperature
Coefficient (OTC) reference voltage. Additional bias currents
and reference voltages, including a charge pump GATE
voltage Vg, are also generated from voltage Vbat. The
typically ignition ON drain current (IQ1(on)) is about 6.5 mA at
25°C. When the ignition switch is OFF and voltage Vign is
less than VTign, the regulator is in a low current standby
mode, having a standby drain current of about 0.7 mA
(IQ1(off) ) at 25°C. During the sleep mode, some internal
voltage regulators and bias currents are either terminated or
minimized. However, the VDD regulator and the bandgap
voltage regulator continue to maintain voltages VDD for the
logic, the 2.0 V Vref, and the 1.25 V reference voltage. In
addition, all logic is reset in the standby mode.
After switching the ignition switch to the ON position,
voltage Vign will exceed voltage VTign, causing comparator
Cign to switch states, providing an ignition-ON signal to the
Ignition Delay circuit. After an Ignition start Delay Time of
500 ms, the Ignition Delay circuit activates additional current


Số phần tương tự - MCZ33099CEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Mô tả tương tự - MCZ33099CEGR2

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com