công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33099EG bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33099EG
Giải thích chi tiết về linh kiện  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099EG bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MCZ33099EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 9Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 10Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 11Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 12Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33099
TYPICAL APPLICATIONS
INTRODUCTION
TYPICAL APPLICATIONS
INTRODUCTION
The 33099 is an alternator voltage regulator designed with
internal level shifting resistors to control the voltage in a 12 V
automotive system that uses a three-phase alternator with a
rotating field winding. The system shown in Figure 4 includes
an alternator with its associated field coil, stator coils and
rectifiers, an automotive battery, a fault indicator lamp, an
ignition switch, a field flyback diode, and the 33099.
Figure 4. 33099 Simplified Application
The 12 V system voltage (VBAT) is connected to a
REMOTE input by a remote wire, which provides the IC
regulator with an external Kelvin connection directly to the
battery to provide REMOTE voltage, Vrem. The system
voltage at the BAT pin is also sensed by an internal Local IC
connection as Local voltage Vl. The Local connection is
provided in the event the remote wire or remote connection
becomes faulty such as being resistive, an open, or shorted
to ground.
The PHASE input is normally connected to a tap on one
corner of the alternator's stator winding, which provides an
AC phase voltage (Vph) for the IC to determine the rotational
frequency (fph) of the alternator rotor. Two frequency
comparators (F1 and F2) monitor voltage Vph to determine a
phase rotation detection frequency (f1) and a Low/High RPM
transition phase frequency (f2), respectively. A PHASE
FILTER pin is provided for externally providing a filter
capacitance for filtering phase input noise.
The regulated DC system set voltage (Vset) is achieved by
employing feedback to compare a ratioed value of Vset to an
internal IC bandgap voltage reference having a negative
temperature coefficient (TC). The GATE drive of an external
N-channel MOSFET is regulated by the IC to control the field
current in the alternator field coil as an alternating ON or OFF
state dependent on load current conditions affecting voltage
Vset. The external MOSFET receives GATE-to-source
voltage drive from between the GATE and SOURCE output
pins of the IC. The GATE-to-source voltage is a Pulse Width
Low
Pass
0.6 V
Over
Voltage
Detector
1.25 V
Bandgap
Reference
Regulator
Regulator
VDD
Internal
V reg
and Bias
Current
Regulator
Charge
Pump
Regulator
Min Duty
Cycle
Generator
OR1
LD
OV
REMOTE
Local
Sense
PHASE
BATT
GATE
SOURCE
V
V
(5.0 V)
(2.0 V)
1.25 V
S1
S2
CB1
CB2
LB
FB
Css
Z1
VTssc
A
N
D
4
S3
Vg
R1
R2
R3
R4
R5
RF
Cf
Vls
Vo
Vl
UV
Ign
Delay
Circuit
Gate
Polling
Circuit
Local
4 LSB
4 MSB
8-Bit Counter
Digital
Duty Cycle
Generator
U/D
Counter
Np
Control
Switch
Up/Down
MUX
1.25 V
F2
DAC
A
N
D
3
1.25V
Battery
Polling
Lamp
Driver
Circuit
OR2
A
N
D
1
LCR1
LRC2
AGND
GND
LAMP
DRAIN
LAMP
GATE
IGN
Dtl
Z2
Rs
To
Logic
A
N
D
2
u/d
u/d
Drain
F1
A/D Duty Cycle
Comparator
& Tracking
Circuit
Limit
Current
Detector
Limit
Thermal
Detector
Battery
ref
DD
VTigm
Iign
VTdsc
(OTC)
Osc
101 kHz
LCR TEST
P16
P256
PHASE
FILTER
1
2
10
11
Circuit
Lamp
Polling
Circuit
Vrem
Vrs
Cph
Crs
Vhvl
Vfb
Cdc
Cuv
Cign
Cds
lpd
lpu
Vdac


Số phần tương tự - MCZ33099EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Mô tả tương tự - MCZ33099EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com