công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MCZ33099EG bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MCZ33099EG
Giải thích chi tiết về linh kiện  Adaptive Alternator Voltage Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCZ33099EG bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MCZ33099EG Datasheet HTML 1Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 2Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 3Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 4Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 5Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 6Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 7Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 8Page - Freescale Semiconductor, Inc MCZ33099EG Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
33099
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Table 2. Maximum Ratings
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit
ELECTRICAL RATINGS
Power Supply Voltage
Load Dump Transient Voltage (1)
Negative Voltage (2)
VBAT
+VMAX
-VMIN
24
40
-2.5
V
ESD Voltage
Human Body Model (3)
Machine Model (3) (4)
VESD1
VESD2
±2000
±200
V
THERMAL RATINGS
Operating Junction Temperature
TJ
150
°C
Operating Ambient Temperature Range
TA
-40 to 125
°C
Storage Temperature Range
TSTG
-45 to 150
°C
Power Dissipation and Thermal Characteristics
Maximum Power Dissipation @ TA = 125°C
Thermal Resistance, Junction-to-Ambient
PD
RΘJA
640
85
mW
°C/W
Peak Package Reflow Temperature During Reflow (5), (6)
TPPRT
Note 6
°C
Notes
1.
125 ns wide square wave pulse.
2.
Maximum time = 2 minutes.
3.
ESD1 testing is performed in accordance with the Human Body Model (CZAP=100 pF, RZAP=1500 Ω). ESD2 testing is performed in
accordance with the Machine Model (CZAP=200 pF, RZAP=0 Ω).
4.
ESD2 voltage capability of PHASE FILTER pin is greater than 150 V. All other device pins are as indicated.
5.
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may
cause malfunction or permanent damage to the device.
6.
Freescale’s Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow
Temperature and Moisture Sensitivity Levels (MSL),
Go to www.freescale.com, search by part number [e.g. remove prefixes/suffixes and enter the core ID to view all orderable parts. (i.e.
MC33xxxD enter 33xxx), and review parametrics.


Số phần tương tự - MCZ33099EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MCZ33198EF FREESCALE-MCZ33198EF Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33198EFR2 FREESCALE-MCZ33198EFR2 Datasheet
375Kb / 17P
   Automotive High-Side TMOS Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EF FREESCALE-MCZ33199EF Datasheet
414Kb / 18P
   Automotive ISO 9141 Serial Link Driver
MCZ33199EFR2 FREESCALE-MCZ33199EFR2 Datasheet
324Kb / 18P
   Automotive ISO 9141 Serial Link Driver
More results

Mô tả tương tự - MCZ33099EG

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC33099 MOTOROLA-MC33099 Datasheet
295Kb / 20P
   Adaptive Alternator Voltage Regulator
logo
Unisonic Technologies
UAC3092A UTC-UAC3092A Datasheet
108Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092 Datasheet
132Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092 UTC-UAC33092_15 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092 UTC-UAC3092_15 Datasheet
138Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
logo
Freescale Semiconductor...
MC33092A FREESCALE-MC33092A Datasheet
295Kb / 12P
   Alternator Voltage Regulator
logo
Unisonic Technologies
UAC33092 UTC-UAC33092 Datasheet
233Kb / 9P
   ALTERNATOR VOLTAGE REGULATOR
UAC3092A UTC-UAC3092A_15 Datasheet
113Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
UAC33092A UTC-UAC33092A_15 Datasheet
187Kb / 5P
   ALTERNATOR VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com