công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14468 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc

tên linh kiện MC14468
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC with Interconnect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14468 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc

  MC14468 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Sensors
2
Freescale Semiconductor
MC14468
Figure 2. Block Diagram
Table 1. Maximum Ratings(1)
(Voltages referenced to VSS)
1. Maximum Ratings are those values beyond which damage to the device may occur. This device contains circuitry to protect the inputs against
damage due to high static voltages or electric fields; however, it is advised normal precautions be taken to avoid application of any voltage
higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended VIN and VOUT be constrained to
the range VSS ≤ (VIN or VOUT) ≤ VDD.
Rating
Symbol
Value
Unit
DC Supply Voltage
VDD
–0.5 to +15
V
Input Voltage, All Inputs Except Pin 8
VIN
–0.25 to VDD + 0.25
V
DC Current Drain per Input Pin, Except Pin 15 = 1 mA
I
10
mA
DC Current Drain per Output Pin
I
30
mA
Operating Temperature Range
TA
–10 to +60
°C
Storage Temperature Range
TSTG
–55 to +125
°C
Reverse Battery Time
tRB
5.0
s
+
+
+
To Other Units
I/O
FEEDBACK
VDD
VDD
28
45 K
3
1
13
4
325 K
LOW V SET
DETECT
COMPARATOR OUT
STROBE OUT
280 K
Low-Battery
Comparator
Detect
Comparator
DETECT INPUT
15
Guard
Amp
14
VDD
LO-Z
HI-Z
16
Alarm
Logic
Power-On
Reset
OSC
and
Timing
11
10
SILVER
BRASS
5
LED
VDD = Pin 6
VSS = Pin 9
VDD
12
7


Số phần tương tự - MC14468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14468 MOTOROLA-MC14468 Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
MC14468P MOTOROLA-MC14468P Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
More results

Mô tả tương tự - MC14468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com