công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14468 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC14468
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC with Interconnect
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14468 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC14468 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14468 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: MC14468
Rev 5.0, 11/2006
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Low-Power CMOS Ionization Smoke
Detector IC with Interconnect
The MC14468, when used with an ionization chamber and a small number of
external components, will detect smoke. When smoke is sensed, an alarm is
sounded via an external piezoelectric transducer and internal drivers. This circuit
is designed to operate in smoke detector systems that comply with UL217 and
UL268 specifications.
Features
Ionization Type with On-Chip FET Input Comparator
Piezoelectric Horn Driver
Guard Outputs on Both Sides of Detect Input
Input-Production Diodes on the Detect Input
Low-Battery Trip Point, Internally Set, can be Altered Via External Resistor
Detect Threshold, Internally Set, can be Altered Via External Resistor
Pulse Testing for Low Battery Uses LED for Battery Loading
Comparator Output for Detect
Internal Reverse Battery Protection
Strobe Output for External Trim Resistors
I/O Pin Allows Up to 40 Units to be Connected for Common Signaling
Power-On Reset Prevents False Alarms on Battery Change
Pb-Free Packaging Designated by Suffix Code ED
ORDERING INFORMATION
Device
Temperature
Range
Case No.
Package
MC14468P
–10
° to 60°C
648-08
Plastic Dip
MC14468ED
MC14468
LOW-POWER CMOS
IONIZATION SMOKE
DETECTOR IC
WITH INTERCONNECT
P SUFFIX
ED SUFFIX (PB-FREE)
16-LEAD PLASTIC DIP
CASE 648-08
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
DETECT
COMP. OUT
I/O
LOW V SET
STROBE
OUT
LED
TIMING
RESISTOR
FEEDBACK
GUARD HI-Z
DETECT INPUT
GUARD LO-Z
SENSITIVITY
SET
OSC
CAPACITOR
SILVER
BRASS
VSS
VDD
9
Figure 1. Pin Connections


Số phần tương tự - MC14468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC14468 MOTOROLA-MC14468 Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
MC14468P MOTOROLA-MC14468P Datasheet
266Kb / 8P
   LONIZATION SMOKE DETECTOR IC WITH INTERCONNECT
More results

Mô tả tương tự - MC14468

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
MC14467-1 FREESCALE-MC14467-1_07 Datasheet
256Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
List of Unclassifed Man...
M75018 ETC2-M75018 Datasheet
192Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
logo
Microchip Technology
RE46C129 MICROCHIP-RE46C129 Datasheet
212Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C128 MICROCHIP-RE46C128 Datasheet
223Kb / 8P
   CMOS Ionization Smoke Detector ASIC with Interconnect
2009
logo
Freescale Semiconductor...
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
logo
MOSDESIGN SEMICONDUCTOR...
M75118 MOSDESIGN-M75118 Datasheet
197Kb / 6P
   IONIZATION SMOKE DETECTOR WITH INTERCONNECT
2007-07-27
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com