công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MC14467-1 bảng dữ liệu(PDF) 2 Page - Freescale Semiconductor, Inc |
|
MC14467-1 bảng dữ liệu(HTML) 2 Page - Freescale Semiconductor, Inc |
2 / 9 page Sensors 2 Freescale Semiconductor MC14467-1 Figure 2. Block Diagram Table 1. Maximum Ratings(1) (Voltages referenced to VSS) 1. Maximum Ratings are those values beyond which damage to the device may occur. This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than maximum rated voltages to this high impedance circuit. For proper operation it is recommended that except for pin 8, VIN and VOUT be constrained to the range VSS ≤ (VIN or VOUT) VDD. For pin 8, refer to the Electrical Characteristics. Rating Symbol Value Unit DC Supply Voltage VDD −0.5 to + 15 V Input Voltage, All Inputs Except Pin 8 VIN −0.25 to V DD + 0.25 V DC Current Drain per Input Pin, Except Pin 15 = 1 mA I 10 mA DC Current Drain per Output Pin I 30 mA Operating Temperature Range TA −10 to +60 °C Storage Temperature Range TSTG −55 to + 125 °C Reverse Battery Time tRB 5.0 s + – + – + – VDD Led Driver 5 6 9 10 11 8 Priezoelectric Horn Driver 4 VDD VDD VDD Low Battery Comp. Latch 80 K VDD 3 7 12 Oscillator Timer 1045 K 13 1125 K 15 Detect Input 14 Lo-Z Active Guard 1 Latch |
Số phần tương tự - MC14467-1 |
|
Mô tả tương tự - MC14467-1 |