công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14467-1 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện MC14467-1
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  MC14467-1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467-1 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Sensors
Freescale Semiconductor
3
MC14467-1
Table 2. Recommended Operating Conditions
(Voltages referenced to VSS)
Parameter
Symbol
Value
Unit
Supply Voltage
VDD
9.0
V
Timing Capacitor
0.1
µF
Timing Resistor
8.2
M
Battery Load (Resistor or LED)
10
mA
Table 3. Electrical Characteristics
(Voltages referenced to VSS, TA = 25°C)
Characteristic
Symbol
VDD
VDC
Min
Typ(1)
1. Data labelled “Typ'' is not to be used for design purposes but is intended as an indication of the IC's potential performance.
Max
Unit
Operating Voltage
VDD
6.0
12
V
Output Voltage
Piezoelectric Horn Drivers (IOH = -16 mA)
Comparators (IOH = -30 µA)
Piezoelectric Horn Drivers (IOL = +16 mA)
Comparators (IOL = +30 µA)
VOH
VOL
7.2
9.0
7.2
9.0
6.3
8.5
8.8
0.1
0.9
0.5
V
V
Output Voltage - LED Driver, IOL = 10 mA
VOL
7.2
3.0
V
Output Impedance, Active Guard
Pin 14
Pin 16
LO-Z
HI-Z
9.0
9.0
10
1000
k
Operating Current (Rbias = 8.2 MΩ)
IDD
9.0
12.0
5.0
9.0
12.0
µA
Input Current - Detect (40% R.H.)
IIN
9.0
±1.0
pA
Internal Set Voltage
Low Battery
Sensitivity
VLOW
VSET
9.0
7.2
47
50
7.8
53
V
%VDD
Hysteresis
VHYS
9.0
75
100
150
mV
Offset Voltage (measured at Vin = VDD/2
Active Guard
Detect Comparator
VOS
9.0
9.0
± 100
± 50
mV
Input Voltage Range, Pin 8
VIN
VSS - 10
VDD + 10
V
Input Capacitance
CIN
5.0
pF
Common Mode Voltage Range, Pin 15
VCM
0.6
VDD - 2
V


Số phần tương tự - MC14467-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Mô tả tương tự - MC14467-1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com