công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14467-1 bảng dữ liệu(PDF) 6 Page - Freescale Semiconductor, Inc

tên linh kiện MC14467-1
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 bảng dữ liệu(HTML) 6 Page - Freescale Semiconductor, Inc

  MC14467-1_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Sensors
6
Freescale Semiconductor
MC14467-1
Figure 7. Timing Diagram
Smoke/no Low Battery
Smoke/Low Battery
No Smoke/low Battery
10 m s
40 m s
1.67 s
OSCILLATOR
(Pin 12)
DETECT OUT
(Pin 1)
LOW BATTERY OUT
(Pin 4)
HYSTERESIS (Internal)
(Pins 13 & 14)
SAMPLE (Internal)
Smoke
(Pins 10 & 11)
HORN
(Note 1)
LED
(Pin 5)
(Note 3)
Battery Test
(Note 3)
Suppressed Chirp
24 Clock Cycles
(40 s)
24 Clock Cycles (0.96 s)
24 Clock Cycles
6 Clock
Cycles (10.0 s)
Notes:
1. Horn modulation is self-completing. When going from smoke to no smoke, the alarm condition will terminate only when horn is off.
2. Comparators are strobed on once per clock cycle (1.67 s for no smoke, 40 ms for smoke).
3. Low battery comparator information is latched only during LED pulse.
4. ~ 100 mVp–p swing.
Standby
No Smoke/
No Low Battery


Số phần tương tự - MC14467-1_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Mô tả tương tự - MC14467-1_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com