công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC14467-1 bảng dữ liệu(PDF) 5 Page - Freescale Semiconductor, Inc

tên linh kiện MC14467-1
Giải thích chi tiết về linh kiện  Low-Power CMOS Ionization Smoke Detector IC
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC14467-1 bảng dữ liệu(HTML) 5 Page - Freescale Semiconductor, Inc

  MC14467-1_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC14467-1_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Sensors
Freescale Semiconductor
5
MC14467-1
DEVICE OPERATION
Timing
The internal oscillator of the MC14467-1 operates with a
period of 1.67 seconds during no-smoke conditions. Each
1.67 seconds, internal power is applied to the entire IC and a
check is made for smoke, except during LED pulse, Low
Battery Alarm Chirp, or Horn Modulation (in smoke). Every 24
clock cycles a check is made for low battery by comparing
VDD to an internal zener voltage. Since very small currents
are used in the oscillator, the oscillator capacitor should be of
a low leakage type.
Detect Circuitry
If smoke is detected, the oscillator period becomes 40 ms
and the piezoelectric horn oscillator circuit is enabled. The
horn output is modulated 160 ms on, 80 ms off. During the off
time, smoke is again checked and will inhibit further horn
output if no smoke is sensed. During smoke conditions the
low battery alarm is inhibited, but the LED pulses at a 1.0 Hz
rate.
An active guard is provided on both pins adjacent to the
detect input. The voltage at these pins will be within 100 mV
of the input signal. This will keep surface leakage currents to
a minimum and provide a method of measuring the input
voltage without loading the ionization chamber. The active
guard op amp is not power strobed and thus gives constant
protection from surface leakage currents. Pin 15 (the Detect
input) has internal diode protection against static damage.
Sensitivity/Low Battery Thresholds
Both the sensitivity threshold and the low battery voltage
levels are set internally by a common voltage divider (please
see Figure 2) connected between VDD and VSS. These
voltages can be altered by external resistors connected from
pins 3 or 13 to either VDD or VSS. There will be a slight
interaction here due to the common voltage divider network.
The sensitivity threshold can also be set by adjusting the
smoke chamber ionization source.
Test Mode
Since the internal op amps and comparators are power
strobed, adjustments for sensitivity or low battery level could
be difficult and/or time-consuming. By forcing Pin 12 to VSS,
the power strobing is bypassed and the outputs, Pins 1 and
4, constantly show smoke/no smoke and good battery/low
battery, respectively. Pin 1 = VDD for smoke and
Pin 4 = VDD for low battery. In this mode and during the
10 ms power strobe, chip current rises to approximately
50
µA.
LED Pulse
The 9-volt battery level is checked every 40 seconds
during the LED pulse. The battery is loaded via a 10 mA
pulse for 10 ms. If the LED is not used, it should be replaced
with an equivalent resistor such that the battery loading
remains at 10 mA.
Hysteresis
When smoke is detected, the resistor/divider network that
sets sensitivity is altered to increase sensitivity. This yields
approximately 100 mV of hysteresis and reduces false
triggering.
Figure 6. Typical Application as Ionization Smoke Detector
MC14467-1
1
16
2
3
4
5
6
7
8
15
14
13
12
11
10
9
Test
+
9.0 V
8.2 M
330
1.5 M
Ω*
220 k
Ω*
0.1 µF
1M
1M
0.1 µF
0.001* µF
*NOTE: Component values may change depending on type of piezoelectric horn used.


Số phần tương tự - MC14467-1_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
More results

Mô tả tương tự - MC14467-1_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
MC14467-1 NXP-MC14467-1 Datasheet
288Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
Rev 4, 05/2005
logo
Freescale Semiconductor...
MC14467-1 FREESCALE-MC14467-1 Datasheet
238Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC
logo
Microchip Technology
RE46C114 MICROCHIP-RE46C114 Datasheet
214Kb / 6P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC14468 FREESCALE-MC14468 Datasheet
182Kb / 9P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect
logo
Microchip Technology
RE46C112 MICROCHIP-RE46C112 Datasheet
214Kb / 7P
   Ionization Smoke Detector IC
2009
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017_07 Datasheet
267Kb / 10P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
logo
Gamewell-FCI by Honeywe...
CPD-7051 GAMEWELL-FCI-CPD-7051 Datasheet
62Kb / 2P
   IONIZATION SMOKE DETECTOR
logo
Freescale Semiconductor...
MC145017 FREESCALE-MC145017 Datasheet
225Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Temporal Pattern Horn Driver
MC14568 FREESCALE-MC14568 Datasheet
201Kb / 11P
   Low-Power CMOS Ionization Smoke Detector with Interconnect and Timer
MC145018 FREESCALE-MC145018 Datasheet
229Kb / 8P
   Low-Power CMOS Ionization Smoke Detector IC with Interconnect and Temporal Horn Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com