công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13201 bảng dữ liệu(PDF) 9 Page - Freescale Semiconductor, Inc

tên linh kiện MC13201
Giải thích chi tiết về linh kiện  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201 bảng dữ liệu(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC13201_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
Freescale Semiconductor
9
5.4
AC Electrical Characteristics
Table 4. Receiver AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Sensitivity for 1% Packet Error Rate (PER) (-40 to +85 °C)
SENSper
--91
-
dBm
Sensitivity for 1% Packet Error Rate (PER) (+25 °C)
-
-91
-82
dBm
Saturation (maximum input level)
SENSmax
-10-
dBm
Channel Rejection for 1% PER (desired signal -82 dBm)
+5 MHz (adjacent channel)
-5 MHz (adjacent channel)
+10 MHz (alternate channel)
-10 MHz (alternate channel)
>= 15 MHz
-
-
-
-
-
31
30
43
41
53
-
-
-
-
-
dB
dB
dB
dB
dB
Frequency Error Tolerance
-
-
200
kHz
Symbol Rate Error Tolerance
-
-
80
ppm
Table 5. Transmitter AC Electrical Characteristics
(VBATT, VDDINT = 2.7 V, TA = 25 °C, fref = 16 MHz, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Power Spectral Density (-40 to +85 °C) Absolute limit
-
-47
-
dBm
Power Spectral Density (-40 to +85 °C) Relative limit
-
47
-
Nominal Output Power1
1 SPI Register 12 programmed to 0x00BC which sets output power to nominal (-1 dBm typical).
Pout
-5
-1
-
dBm
Maximum Output Power2
2 SPI Register 12 programmed to 0x00FF which sets output power to maximum.
4dBm
Error Vector Magnitude
EVM
-
20
45
%
Output Power Control Range
-
30
-
dB
Over the Air Data Rate
-
250
-
kbps
2nd Harmonic
-
TBD
-
dBc
3rd Harmonic
-
TBD
-
dBc


Số phần tương tự - MC13201_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Mô tả tương tự - MC13201_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com