công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13201 bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC13201
Giải thích chi tiết về linh kiện  2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13201 bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC13201_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13201_07 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
MC13201 Technical Data, Rev. 1.1,
Freescale Semiconductor
7
5
Electrical Characteristics
5.1
Maximum Ratings
5.2
Recommended Operating Conditions
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Power Supply Voltage
VBATT, VDDINT
-0.3 to 3.6
Vdc
Digital Input Voltage
Vin
-0.3 to (VDDINT + 0.3)
RF Input Power
Pmax
10
dBm
Junction Temperature
TJ
125
°C
Storage Temperature Range
Tstg
-55 to 125
°C
Note: Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the limits in the Electrical Characteristics
or Recommended Operating Conditions tables.
Note: Meets Human Body Model (HBM) = 2 kV. RF input/output pins have no ESD protection.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Min
Typ
Max
Unit
Power Supply Voltage (VBATT = VDDINT)
1
1 If the supply voltage is produced by a switching DC-DC converter, ripple should be less than 100 mV peak-to-peak.
VBATT,
VDDINT
2.0
2.7
3.4
Vdc
Input Frequency
fin
2.405
-
2.480
GHz
Ambient Temperature Range
TA
-40
25
85
°C
Logic Input Voltage Low
VIL
0-
30%
VDDINT
V
Logic Input Voltage High
VIH
70%
VDDINT
-VDDINT
V
SPI Clock Rate
fSPI
--
8.0
MHz
RF Input Power
Pmax
--
10
dBm
Crystal Reference Oscillator Frequency (±40 ppm over
operating conditions to meet the 802.15.4 Standard.)
fref
16 MHz Only


Số phần tương tự - MC13201_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13201 FREESCALE-MC13201_08 Datasheet
344Kb / 28P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results

Mô tả tương tự - MC13201_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13192 FREESCALE-MC13192_07 Datasheet
329Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13202_0812 FREESCALE-MC13202_0812 Datasheet
366Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC13193FC FREESCALE-MC13193FC Datasheet
559Kb / 24P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13201 FREESCALE-MC13201 Datasheet
340Kb / 26P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
MC13202 FREESCALE-MC13202_07 Datasheet
367Kb / 30P
   2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com