công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC13191 bảng dữ liệu(PDF) 1 Page - Freescale Semiconductor, Inc

tên linh kiện MC13191
Giải thích chi tiết về linh kiện  2.4 GHz ISM Band Low Power Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13191 bảng dữ liệu(HTML) 1 Page - Freescale Semiconductor, Inc

  MC13191_07 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13191_07 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
© Freescale Semiconductor, Inc., 2004, 2005, 2006, 2007. All rights reserved.
Freescale Semiconductor
Technical Data
Freescale reserves the right to change the detail specifications as may be required to permit improvements in the design of its
products.
Document Number: MC13191
Rev. 1.5, 03/2007
MC13191
Package Information
Plastic Package
Case 1311-03
(QFN-32)
Scale 1:1
Ordering Information
Device
Device Marking
Package
MC13191
13191
QFN-32
1
Introduction
The MC13191 is a short range, low power, 2.4 GHz
Industrial, Scientific, and Medical (ISM) band
transceiver. The MC13191 contains a complete packet
data modem which is compliant with the IEEE®
802.15.4 Standard PHY (Physical) layer. This allows the
development of proprietary point-to-point and star
networks based on the 802.15.4 packet structure and
modulation format. For full 802.15.4 Standard
compliance, the MC13192 and Freescale's 802.15.4
MAC software are required.
When combined with an appropriate microcontroller
(MCU), the MC13191 provides a cost-effective solution
for short-range data links and networks. Interface with
the MCU is accomplished using a four wire serial
peripheral interface (SPI) connection and an interrupt
request output which allows for the use of a variety of
processors. The software and processor can be scaled to
fit applications ranging from simple point-to-point to star
networks.
MC13191
2.4 GHz ISM Band Low Power
Transceiver
Contents
1 Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . 1
2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
3 Block Diagrams . . . . . . . . . . . . . . . . . . . . . . . 3
4 Data Transfer Mode . . . . . . . . . . . . . . . . . . . . 4
5 Electrical Characteristics . . . . . . . . . . . . . . . 6
6 Functional Description . . . . . . . . . . . . . . . . . 9
7 Pin Connections . . . . . . . . . . . . . . . . . . . . . . 12
8 Applications Information . . . . . . . . . . . . . . . 16
9 Packaging Information . . . . . . . . . . . . . . . . . 22


Số phần tương tự - MC13191_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
More results

Mô tả tương tự - MC13191_07

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC13191 FREESCALE-MC13191 Datasheet
289Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
MC13191 FREESCALE-MC13191_08 Datasheet
373Kb / 24P
   2.4 GHz ISM Band Low Power Transceiver
logo
ELAN Microelectronics C...
EM198810 EMC-EM198810 Datasheet
807Kb / 18P
   2.4 GHz ISM Band Transceiver/Framer IC
logo
ATMEL Corporation
ATR2406 ATMEL-ATR2406_14 Datasheet
1Mb / 26P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_08 Datasheet
813Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
ATR2406 ATMEL-ATR2406_06 Datasheet
850Kb / 25P
   Low-IF 2.4-GHz ISM Transceiver
logo
Microchip Technology
MRF24XA MICROCHIP-MRF24XA_15 Datasheet
2Mb / 258P
   Low-Power, 2.4 GHz ISM-Band IEEE 802.15.4??RF
2015
logo
WALSIN TECHNOLOGY CORPO...
RFBPB1510060A0T WALSIN-RFBPB1510060A0T Datasheet
650Kb / 7P
   2.4 GHz ISM Band RF Application
RFBPB2012090ART WALSIN-RFBPB2012090ART Datasheet
588Kb / 7P
   2.4 GHz ISM Band RF applications
RFBLN1608050AAT WALSIN-RFBLN1608050AAT Datasheet
355Kb / 7P
   2.4 GHz ISM Band RF Application
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com