công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC908GZ16MFJ bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC908GZ16MFJ
Giải thích chi tiết về linh kiện  M68HC08 Microcontrollers
Download  314 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC908GZ16MFJ bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC908GZ16MFJ Datasheet HTML 1Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 2Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 3Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 4Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 5Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 6Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 7Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 8Page - Freescale Semiconductor, Inc MC908GZ16MFJ Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 314 page
background image
Revision History
MC68HC908GZ16 • MC68HC908GZ8 Data Sheet, Rev. 4
4
Freescale Semiconductor
The following revision history table summarizes changes contained in this document. For your
convenience, the page number designators have been linked to the appropriate location.
Revision History
Date
Revision
Level
Description
Page
Number(s)
February,
2003
N/A
Initial release
N/A
October,
2004
1.0
Reorganized to meet latest publication standards for M68HC08 Family
documentation
N/A
Added Table 1-1. Summary of Device Variations
19
Figure 5-2. Configuration Register 1 (CONFIG1) — Changed bit 0 from
SCIBDSRC to ESCIBDSRC.
80
Chapter 15 Enhanced Serial Communications Interface (ESCI) Module —
Updated with additional data
181–212
Chapter 17 Serial Peripheral Interface (SPI) Module — Removed all references
to DMAS
N/A
Added DC injection current values to:
21.5 5-Vdc Electrical Characteristics
21.6 3.3-Vdc Electrical Characteristics
289
291
21.15 Memory Characteristics — Updated table entries
302
Corrected ICG references to CGM throughout document.
N/A
Chapter 22 Ordering Information and Mechanical Specifications — Corrected
device ordering information
303
Added the following:
Appendix A MC68HC908GZ8
311–314
June,
2005
2.0
205 — Corrected Functionality entries
205
15.9.1 ESCI Arbiter Control Register — Corrected bit ACLK bit description
209
15.9.3 Bit Time Measurement — Corrected definition for ACLK bit
210
March,
2006
3.0
10.5 Clock Generator Module (CGM) — Updated description to remove
erroneous information.
110
October,
2006
4.0
1.6 Unused Pin Termination — Added new section.
26
12.2 Features — Corrected timer link connection from TIM2 channel 0 to TIM1
channel 0.
121
12.9 Timer Link — Corrected timer link connection from TIM2 channel 0 to TIM1
channel 0.
133
13.1 Introduction — Replaced note with unused pin termination text.
155
21.5 5-Vdc Electrical Characteristics and
21.6 3.3-Vdc Electrical Characteristics — Updated DC injection current
specification.
289
291


Số phần tương tự - MC908GZ16MFJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC908GZ16MFJ FREESCALE-MC908GZ16MFJ Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results

Mô tả tương tự - MC908GZ16MFJ

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC68HC908JW32 FREESCALE-MC68HC908JW32_09 Datasheet
2Mb / 232P
   M68HC08 Microcontrollers
logo
Motorola, Inc
MC68HC908QT4CPE MOTOROLA-MC68HC908QT4CPE Datasheet
3Mb / 192P
   M68HC08 Microcontrollers
logo
Freescale Semiconductor...
MC68HC908JB8 FREESCALE-MC68HC908JB8 Datasheet
1Mb / 286P
   M68HC08 Microcontrollers
MC68HC908JB16 FREESCALE-MC68HC908JB16 Datasheet
3Mb / 332P
   M68HC08 Microcontrollers
MC68HC908QF4 FREESCALE-MC68HC908QF4 Datasheet
2Mb / 196P
   M68HC08 Microcontrollers
MC908AS60ACFU FREESCALE-MC908AS60ACFU Datasheet
2Mb / 414P
   M68HC08 Microcontrollers
MC68HC908KX8 FREESCALE-MC68HC908KX8 Datasheet
1Mb / 210P
   M68HC08 Microcontrollers
MC68HC908LJ24 FREESCALE-MC68HC908LJ24 Datasheet
4Mb / 464P
   M68HC08 Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_08 Datasheet
3Mb / 274P
   M68HC08 Microcontrollers
MC68HC908QY4 FREESCALE-MC68HC908QY4_10 Datasheet
2Mb / 168P
   M68HC08 Microcontrollers
MC68908GZ16CFJE FREESCALE-MC68908GZ16CFJE Datasheet
4Mb / 314P
   M68HC08 Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com