công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC56F8366MFVE bảng dữ liệu(PDF) 7 Page - Freescale Semiconductor, Inc

tên linh kiện MC56F8366MFVE
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8366MFVE bảng dữ liệu(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC56F8366MFVE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 9Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 10Page - Freescale Semiconductor, Inc MC56F8366MFVE Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 184 page
background image
Device Description
56F8366 Technical Data, Rev. 6
Freescale Semiconductor
7
Preliminary
Two Serial Communication Interfaces (SCIs), each with two pins (or four additional GPIO lines)
Up to two Serial Peripheral Interfaces (SPIs), both with configurable 4-pin port (or eight additional GPIO
lines)
— In the 56F8366, SPI1 can also be used as Quadrature Decoder 1 or Quad Timer B
— In the 56F8166, SPI1 can alternately be used only as GPIO
Computer Operating Properly (COP) / Watchdog timer
Two dedicated external interrupt pins
62 General Purpose I/O (GPIO) pins
External reset input pin for hardware reset
External reset output pin for system reset
Integrated Low-Voltage Interrupt module
JTAG/Enhanced On-Chip Emulation (OnCE) for unobtrusive, processor speed-independent, real-time
debugging
Software-programmable, Phase Lock Loop (PLL)-based frequency synthesizer for the core clock
1.1.5
Energy Information
Fabricated in high-density CMOS with 5V-tolerant, TTL-compatible digital inputs
On-board 3.3V down to 2.6V voltage regulator for powering internal logic and memories; can be disabled
On-chip regulators for digital and analog circuitry to lower cost and reduce noise
Wait and Stop modes available
ADC smart power management
Each peripheral can be individually disabled to save power
1.2 Device Description
The 56F8366 and 56F8166 are members of the 56800E core-based family of controllers. Each combines,
on a single chip, the processing power of a Digital Signal Processor (DSP) and the functionality of a
microcontroller with a flexible set of peripherals to create an extremely cost-effective solution. Because
of its low cost, configuration flexibility, and compact program code, the 56F8366 and 56F8166 are
well-suited for many applications. The devices include many peripherals that are especially useful for
motion control, smart appliances, steppers, encoders, tachometers, limit switches, power supply and
control, automotive control (56F8366 only), engine management, noise suppression, remote utility
metering, industrial control for power, lighting, and automation applications.
The 56800E core is based on a Harvard-style architecture consisting of three execution units operating in
parallel, allowing as many as six operations per instruction cycle. The MCU-style programming model and
optimized instruction set allow straightforward generation of efficient, compact DSP and control code.
The instruction set is also highly efficient for C/C++ Compilers to enable rapid development of optimized
control applications.
The 56F8366 and 56F8166 support program execution from either internal or external memories. Two
data operands can be accessed from the on-chip data RAM per instruction cycle. These devices also
provides two external dedicated interrupt lines and up to 62 General Purpose Input/Output (GPIO) lines,
depending on peripheral configuration.


Số phần tương tự - MC56F8366MFVE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
MC56F8366MFVE FREESCALE-MC56F8366MFVE Datasheet
2Mb / 184P
   16-bit Digital Signal Controllers
More results

Mô tả tương tự - MC56F8366MFVE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com