công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MC56F8357MPYE bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc

tên linh kiện MC56F8357MPYE
Giải thích chi tiết về linh kiện  16-bit Digital Signal Controllers
Download  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC56F8357MPYE bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc

  MC56F8357MPYE Datasheet HTML 1Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 2Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 3Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 4Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 5Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 6Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 7Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 8Page - Freescale Semiconductor, Inc MC56F8357MPYE Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 177 page
background image
56F8357 Technical Data, Rev. 15
4
Freescale Semiconductor
Preliminary
56F8357/56F8157 Block Diagram
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36 -> 36-Bit MAC
Three 16-bit Input Registers
Four 36-bit Accumulators
Address
Generation Unit
Bit
Manipulation
Unit
PLL
Clock
Generator
EXTAL
Interrupt
Controller
4
External
Address Bus
Switch
2
External Data
Bus Switch
PDB
CDBR
SPI0 or
GPIOE
IPBus Bridge (IPBB)
System
Integration
Module
P
O
R
O
S
C
Decoding
Peripherals
Peripheral
Device Selects
RW
Control
IPAB
IPWDB
IPRDB
2
System Bus
R/W Control
PAB
CDBW
Clock
resets
JTAG/
EOnCE
Port
VCAP
VDD
VSS
VDDA
VSSA
5
47
6
2
VPP
2
OCR_DIS
RESET
EXTBOOT
EMI_MODE
RSTO
4
4
6
PWM Outputs
Fault Inputs
PWMA
Current Sense Inputs or GPIOC
3
4
6
PWM Outputs
Fault Inputs
PWMB
Current Sense Inputs or GPIOD
3
Quad
Timer D or
GPIOE
Quad
Timer C or
GPIOE
AD0
AD1
ADCA
4
5
FlexCAN
2
4
AD0
AD1
4
4
4
Quadrature
Decoder 1 or
Quad
Timer B or
SPI1 or GPIOC
4
Bus Control
6
2
8
7
9
XTAL
DS (CS1) or GPIOD9
PS (CS0) or GPIOD8
RD
WR
D7-15 or GPIOF0-8
D0-6 or GPIOF9-15
A8-15 or GPIOA0-7
A0-5 or GPIOA8-13
A6-7 or GPIOE2-3
VREF
ADCB
16-Bit
56800E Core
2
COP/
Watchdog
CLKO
CLKMODE
IRQB
SCI1 or
GPIOD
SCI0 or
GPIOE
Control
IRQA
6
GPIOD0-5 or CS2-7
4
GPIOB0-3 (A16-19)
1
GPIOB4 (A20,
prescaler_clock)
3
GPIOB5-7 (A21-23,
clk0-3**)
XDB2
XAB1
XAB2
PAB
PDB
CDBR
CDBW
Digital Reg
Analog Reg
Low Voltage
Supervisor
**See Table 2-2
for explanation
Data Memory
4K x 16 Flash
8K x 16 RAM
Memory
Program Memory
128K x 16 Flash
2K x 16 RAM
TEMP_SENSE
Quadrature
Decoder 0 or
Quad
Timer or /
GPIOC
* Configuration
shown for on-chip
2.5V regulator
8K x 16
Boot Flash
56F8357/56F8157 General Description
Note: Features in italics are NOT available in the 56F8157 device.
• Up to 60 MIPS at 60MHz core frequency
• DSP and MCU functionality in a unified,
C-efficient architecture
• Access up to 4MB of off-chip program and 32MB of
data memory
• Chip Select Logic for glueless interface to ROM and
SRAM
• 256KB of Program Flash
• 4KB of Program RAM
• 8KB of Data Flash
• 16KB of Data RAM
• 16KB Boot Flash
• Up to two 6-channel PWM modules
• Four 4-channel, 12-bit ADCs
• Temperature Sensor
• Up to two Quadrature Decoders
• Optional on-chip regulator
• FlexCAN module
• Two Serial Communication Interfaces (SCIs)
• Up to two Serial Peripheral Interfaces (SPIs)
• Up to four general-purpose Quad Timers
• Computer Operating Properly (COP) / Watchdog
• JTAG/Enhanced On-Chip Emulation (OnCE™) for
unobtrusive, real-time debugging
• Up to 76 GPIO lines
• 160-pin LQFP Package and 160MAPBGA


Số phần tương tự - MC56F8357MPYE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Motorola, Inc
MC56F8357MPY60 MOTOROLA-MC56F8357MPY60 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
More results

Mô tả tương tự - MC56F8357MPYE

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Freescale Semiconductor...
56F8033 FREESCALE-56F8033 Datasheet
2Mb / 157P
   16-bit Digital Signal Controllers
56F8346 FREESCALE-56F8346_07 Datasheet
886Kb / 178P
   16-bit Digital Signal Controllers
56800E FREESCALE-56800E Datasheet
296Kb / 20P
   16-bit Digital Signal Controllers
56F8014 FREESCALE-56F8014_07 Datasheet
1Mb / 125P
   16-bit Digital Signal Controllers
56F8355 FREESCALE-56F8355_09 Datasheet
1Mb / 172P
   16-Bit Digital Signal Controllers
56853 FREESCALE-56853 Datasheet
1Mb / 60P
   16-bit Digital Signal Controllers
56F8322 FREESCALE-56F8322 Datasheet
724Kb / 136P
   16-bit Digital Signal Controllers
56F8023 FREESCALE-56F8023_07 Datasheet
2Mb / 156P
   16-bit Digital Signal Controllers
56F8037 FREESCALE-56F8037_07 Datasheet
2Mb / 180P
   16-bit Digital Signal Controllers
56F8347 FREESCALE-56F8347_07 Datasheet
2Mb / 172P
   16-bit Digital Signal Controllers
56F8356 FREESCALE-56F8356 Datasheet
2Mb / 176P
   16-bit Digital Signal Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com