công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NE3509M04 bảng dữ liệu(PDF) 1 Page - California Eastern Labs

tên linh kiện NE3509M04
Giải thích chi tiết về linh kiện  L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CEL [California Eastern Labs]
Trang chủ  http://www.cel.com
Logo CEL - California Eastern Labs

NE3509M04 bảng dữ liệu(HTML) 1 Page - California Eastern Labs

  NE3509M04_06 Datasheet HTML 1Page - California Eastern Labs NE3509M04_06 Datasheet HTML 2Page - California Eastern Labs NE3509M04_06 Datasheet HTML 3Page - California Eastern Labs NE3509M04_06 Datasheet HTML 4Page - California Eastern Labs NE3509M04_06 Datasheet HTML 5Page - California Eastern Labs NE3509M04_06 Datasheet HTML 6Page - California Eastern Labs NE3509M04_06 Datasheet HTML 7Page - California Eastern Labs NE3509M04_06 Datasheet HTML 8Page - California Eastern Labs NE3509M04_06 Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
HETERO JUNCTION FIELD EFFECT TRANSISTOR
NE3509M04
L TO S BAND LOW NOISE AMPLIFIER
N-CHANNEL HJ-FET
FEATURES
• Super low noise figure and high associated gain
NF = 0.4 dB TYP., Ga = 17.5 dB TYP. @ f = 2 GHz, VDS = 2 V, ID = 10 mA
• Flat-lead 4-pin thin-type super minimold (M04) package
APPLICATIONS
• Satellite radio (SDARS, DMB, etc.) antenna LNA
• GPS antenna LNA
• Low noise amplifier for microwave communication system
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Marking
Supplying Form
NE3509M04
NE3509M04-A
50 pcs (Non reel)
V80
NE3509M04-T2
NE3509M04-T2-A
Flat-lead 4-pin thin-
type super minimold
(M04) (Pb-Free)
3 kpcs/reel
• 8 mm wide embossed taping
• Pin 1 (Source), Pin 2 (Drain) face
the perforation side of the tape
Remark To order evaluation samples, contact your nearby sales office.
Part number for sample order: NE3509M04
ABSOLUTE MAXIMUM RATINGS (TA = +25
°C)
Parameter
Symbol
Ratings
Unit
Drain to Source Voltage
VDS
4.0
V
Gate to Source Voltage
VGS
−3.0
V
Drain Current
ID
IDSS
mA
Gate Current
IG
200
µA
Total Power Dissipation
Ptot
Note
150
mW
Channel Temperature
Tch
+150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note Mounted on 1.08 cm
2
× 1.0 mm (t) glass epoxy PCB
Document No. PG10608EJ01V0DS (1st edition)
Date Published April 2006 NS CP(K)


Số phần tương tự - NE3509M04_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
California Eastern Labs
NE3509M04-A CEL-NE3509M04-A Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
NE3509M04-T2 CEL-NE3509M04-T2 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04-T2 RENESAS-NE3509M04-T2 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04-T2-A CEL-NE3509M04-T2-A Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04-T2B RENESAS-NE3509M04-T2B Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results

Mô tả tương tự - NE3509M04_06

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
NE3510M04 RENESAS-NE3510M04 Datasheet
216Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE34018 NEC-NE34018 Datasheet
114Kb / 16P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3508M04 RENESAS-NE3508M04 Datasheet
213Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
California Eastern Labs
NE3509M04 CEL-NE3509M04 Datasheet
1Mb / 11P
   L to S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M04 RENESAS-NE3509M04 Datasheet
217Kb / 12P
   L TO S BAND LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
logo
NEC
NE38018 NEC-NE38018 Datasheet
94Kb / 16P
   L to S BAND LOW NOISE AMPLIFER N-CHANNEL HJ-FET
logo
Renesas Technology Corp
NE3509M14 RENESAS-NE3509M14_15 Datasheet
219Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3509M14 RENESAS-NE3509M14 Datasheet
208Kb / 12P
   N-Channel GaAs HJ-FET, L to C Band Low Noise Amplifier
NE3519M04 RENESAS-NE3519M04 Datasheet
226Kb / 13P
   N-channel GaAs HJ-FET, L to C Band Low Noise Amplifier
logo
NEC
NE33284A NEC-NE33284A Datasheet
62Kb / 10P
   L to X BAND SUPER LOW NOISE AMPLIFIER N-CHANNEL HJ-FET
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com